Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4303.2624.04 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4303.2624.04
Description  Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4303.2624.04 Datasheet(HTML) 4 Page - Schurter Inc.

  4303.2624.04 Datasheet HTML 1Page - Schurter Inc. 4303.2624.04 Datasheet HTML 2Page - Schurter Inc. 4303.2624.04 Datasheet HTML 3Page - Schurter Inc. 4303.2624.04 Datasheet HTML 4Page - Schurter Inc. 4303.2624.04 Datasheet HTML 5Page - Schurter Inc. 4303.2624.04 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Accessories
Fusedrawer 3
www.schurter.com /PGZ01
Connectors
Index
Marking on Voltage Selector Insert / Terminal No.
yy
KEC
1
2
3
4
KD
3
4
5
6
4303.2624.04
110
220
240
-
4303.2624.22
100
120
220
230
4303.2714.08
110 V
-
220 V
-
4303.2737.01
100
120
220
240
4303.2737.05
115
-
230
-
4303.2737.06
117
220
240
-
4303.2901
-
-
-
-
4303.2903
-
-
-
-
4303.2906
-
-
-
-
4303.2908
-
-
-
-
4303.2911
-
-
-
-
4303.2913
-
-
-
-
Index "yy" matches the last two characters of the Order Number within the Variants
All Variants
Mounting
Fuse-Link
Fuseholder
Comment
Order Number
Fingergrip
5 x 20
1-pole
-
4303.2114.01
Fingergrip
5 x 20
1-pole
-
4303.2114.02
Fingergrip
5 x 20
1-pole
-
4303.2114.03
Fingergrip
5 x 20
1-pole
-
4303.2114.04
Fingergrip
5 x 20
1-pole
-
4303.2114.05
Fingergrip
5 x 20
1-pole
-
4303.2114.08
Fingergrip
5 x 20
1-pole
-
4303.2114.09
Fingergrip
5 x 20
1-pole
-
4303.2114.11
Fingergrip
5 x 20
1-pole
-
4303.2114.12
Fingergrip
5 x 20
1-pole
-
4303.2114.15
Fingergrip
5 x 20
1-pole
-
4303.2114.17
Fingergrip
5 x 20
1-pole
-
4303.2114.20
Fingergrip
5 x 20
1-pole
-
4303.2114.22
Fingergrip
5 x 20
1-pole
-
4303.2114.29
Fingergrip
5 x 20
1-pole
-
4303.2114.43
Fingergrip
5 x 20
1-pole
-
4303.2114.48
Extra-Safe
5 x 20
1-pole
-
4303.2124.00
Extra-Safe
5 x 20
1-pole
-
4303.2124.01
Extra-Safe
5 x 20
1-pole
-
4303.2124.03
Extra-Safe
5 x 20
1-pole
-
4303.2124.04
Extra-Safe
5 x 20
1-pole
-
4303.2124.05
Extra-Safe
5 x 20
1-pole
-
4303.2124.12
Extra-Safe
5 x 20
1-pole
-
4303.2124.15
Extra-Safe
5 x 20
1-pole
-
4303.2124.19
Extra-Safe
5 x 20
1-pole
-
4303.2124.22
Extra-Safe
5 x 20
1-pole
-
4303.2124.23
Extra-Safe
5 x 20
1-pole
-
4303.2124.37
Extra-Safe
5 x 20
1-pole
-
4303.2124.39
Fingergrip
5 x 20
1-pole
-
4303.2406
Extra-Safe
5 x 20
1-pole
-
4303.2408
Fingergrip
5 x 20
1-pole
spare fuse case
4303.2416
Fingergrip
5 x 20
2-pole
-
4303.2014.00
Fingergrip
5 x 20
2-pole
-
4303.2014.01
Fingergrip
5 x 20
2-pole
-
4303.2014.02
Fingergrip
5 x 20
2-pole
-
4303.2014.03
Fingergrip
5 x 20
2-pole
-
4303.2014.04
Fingergrip
5 x 20
2-pole
-
4303.2014.05


Similar Part No. - 4303.2624.04

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.02 SCHURTER-4303.2014.02 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
More results

Similar Description - 4303.2624.04

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com