Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.2960 Datasheet(PDF) 9 Page - Schurter Inc.

Part # 4430.2960
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.2960 Datasheet(HTML) 9 Page - Schurter Inc.

Back Button 4430.2960 Datasheet HTML 2Page - Schurter Inc. 4430.2960 Datasheet HTML 3Page - Schurter Inc. 4430.2960 Datasheet HTML 4Page - Schurter Inc. 4430.2960 Datasheet HTML 5Page - Schurter Inc. 4430.2960 Datasheet HTML 6Page - Schurter Inc. 4430.2960 Datasheet HTML 7Page - Schurter Inc. 4430.2960 Datasheet HTML 8Page - Schurter Inc. 4430.2960 Datasheet HTML 9Page - Schurter Inc. 4430.2960 Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Thermal (T- and TA-Line)
TA45-2RU
www.schurter.com /PG17_20
Circuit Breakers
Rated current
Configuration
key
0.3 A
J03
0.4 A
J04
0.5 A
J05
0.6 A
J06
0.7 A
J07
0.8 A
J08
0.9 A
J09
1.0 A
J10
1.1 A
J11
1.2 A
J12
1.3 A
J13
1.4 A
J14
1.5 A
J15
1.6 A
J16
1.7 A
J17
1.8 A
J18
1.9 A
J19
2.0 A
J20
2.1 A
J21
2.2 A
J22
2.3 A
J23
2.5 A
J25
2.8 A
J28
3.0 A
030
3.5 A
035
4.0 A
040
4.5 A
045
5.0 A
050
6.0 A
060
6.5 A
065
7.0 A
070
7.5 A
075
8.0 A
080
9.0 A
090
10.0 A
100
11.0 A
110
12.0 A
120
13.0 A
130
14.0 A
140
15.0 A
150
16.0 A
160
17.0 A
170
18.0 A
180
19.0 A
190
20.0 A
200
Other rated currents on request
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Release / lock-out latch
Release / lock-out latch
Configuration
key
Remote trip release, rated voltage 240 V AC
A2
Remote trip release, rated voltage 230 V AC
A3
Remote trip release, rated voltage 120 V AC
A4
Remote trip release, rated voltage 48 V AC / DC
A6
Remote trip release, rated voltage 24 V AC / DC
A7
Remote trip release, rated voltage 12 V AC / DC
A8
whithout release / lock-out latch
C0
Undervoltage release with additional contact, rated voltage 240 V AC
E2
Undervoltage release with additional contact, rated voltage 230 V AC
E3
Undervoltage release with additional contact, rated voltage 120 V AC
E4
Undervoltage release with additional contact, rated voltage 48 V AC / DC
E6
Undervoltage release with additional contact, rated voltage 24 V AC / DC
E7
Undervoltage release with additional contact, rated voltage 12 V AC / DC
E8
Undervoltage release with additional contact, rated voltage 5 V AC / DC
E9
Mechanical lock-out latch
S0
Undervoltage release, rated voltage 240 V AC
U2
Undervoltage release, rated voltage 230 V AC
U3
Undervoltage release, rated voltage 120 V AC
U4
Undervoltage release, rated voltage 48 V AC / DC
U6
Undervoltage release, rated voltage 24 V AC / DC
U7
Undervoltage release, rated voltage 12 V AC / DC
U8
Undervoltage release, rated voltage 5 V AC / DC
U9
Undervoltage release with 2 additional contacts, rated voltage 240 V AC
Z2
Undervoltage release with 2 additional contacts, rated voltage 230 V AC
Z3
Undervoltage release with 2 additional contacts, rated voltage 120 V AC
Z4
Undervoltage release with 2 additional contacts, rated voltage 48 V AC / DC
Z6
Undervoltage release with 2 additional contacts, rated voltage 24 V AC / DC
Z7
Undervoltage release with 2 additional contacts, rated voltage 12 V AC / DC
Z8
Undervoltage release with 2 additional contacts, rated voltage 5 V AC / DC
Z9
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Accessories
Factory mounted accessories
Configuration
key
Without cover
Collar with cover, IP54
AZM01
Raised collar with cover, IP54
AZM02
Raised collar, IP40
AZM03
Raised collar with cover narrow, IP54
AZM10
Partially raised collar with cover, narrow, IP54
AZM11
Partially raised collarwithout cover, narrow, IP40
AZM12
Raised collar narrow, IP40
AZM13
Raised collar with cover narrow, IP54
AZM14
For subsequent fitting accessories see:
http://www.schurter.ch/pdf/english/typ_TA45-ACC.pdf


Similar Part No. - 4430.2960

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.0022 SCHURTER-4430.0022 Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4430.0499 SCHURTER-4430.0499 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0519 SCHURTER-4430.0519 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0519 SCHURTER-4430.0519 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0685 SCHURTER-4430.0685 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
More results

Similar Description - 4430.2960

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com