Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.0022 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4430.0022
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.0022 Datasheet(HTML) 5 Page - Schurter Inc.

  4430.0022 Datasheet HTML 1Page - Schurter Inc. 4430.0022 Datasheet HTML 2Page - Schurter Inc. 4430.0022 Datasheet HTML 3Page - Schurter Inc. 4430.0022 Datasheet HTML 4Page - Schurter Inc. 4430.0022 Datasheet HTML 5Page - Schurter Inc. 4430.0022 Datasheet HTML 6Page - Schurter Inc. 4430.0022 Datasheet HTML 7Page - Schurter Inc. 4430.0022 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Thermal (T- and TA-Line)
TA45-2R
www.schurter.com /PG17_20
Circuit Breakers
Time-Current-Curves
Type
TA45
Rated current
In <3 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Multiple of Rated Current In
Reference Temperature +23°
0,5
0,3
0,2
0,1
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Type
TA45
Rated current
3 A > In <18 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
Multiple of Rated Current In
Reference Temperature +23°
0,5
0,3
0,2
0,1
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Type
TA45
Rated current
In > 18 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
TA45
|-|AK2|W|F|120|A2|-|AZM11|
The characters are placeholders for the correspondingly keys of selections from the key tables.
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Basic function


Similar Part No. - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.0499 SCHURTER-4430.0499 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0519 SCHURTER-4430.0519 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0519 SCHURTER-4430.0519 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0685 SCHURTER-4430.0685 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0685 SCHURTER-4430.0685 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
More results

Similar Description - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com