Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4411.0012 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4411.0012
Description  Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4411.0012 Datasheet(HTML) 1 Page - Schurter Inc.

  4411.0012 Datasheet HTML 1Page - Schurter Inc. 4411.0012 Datasheet HTML 2Page - Schurter Inc. 4411.0012 Datasheet HTML 3Page - Schurter Inc. 4411.0012 Datasheet HTML 4Page - Schurter Inc. 4411.0012 Datasheet HTML 5Page - Schurter Inc. 4411.0012 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Thermal (T- and TA-Line)
T13-212
www.schurter.com /PG17_20
Circuit Breakers
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
Description
- Threaded neck type
- Thermal circuit breaker
- 1-pole
- Reset type
- Wide current range
- High breaking capacity
- Bolts and nuts
Unique Selling Proposition
- Compact design
- Positively trip-free release
- Available with cover
- Different mounting possibilities
Standards
- IEC 60934
- UL 1077
- CSA C22.2 No. 235
- GB 17701
Applications
- Power supplies
- Uninterruptible power supply
- Power tools
- Household appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
240/277 V; 50/60 Hz, see approbations
Rated Voltage DC
28 V
Rated current range AC
0.05 - 30 A
Conditional short circuit ca-
pacity
IEC: Inc, PC1, AC 240 V: 1 kA
Short circuit capacity Icn
at In < 7 A/240 VAC : 8 x In
at In
≥ 7 A/240 VAC : 400 A
AC/DC 28 V : 400 A
Degree of Protection
from front side IP 40 acc. to IEC 60529
Dielectric Strength
50 Hz: 1.5 kV
Impulse 1.2/50
μs: > 2.5kV
Insulation resistance
500 VDC > 100 M
Ω
Endurance typical
2 x Ir: 3000 switching cycles
Endurance minimum
Reset type
AC : 2 x Ir , cos
φ 0.6 :
DC : 2 x Ir , L/R = 2 - 3 ms :
50 switching cycles
Overload
IEC: min. 40 trips
@ 6 x Ir, cos
φ 0.6
UL / CSA: min. 50 trips
@ 1.5 x Ir, cos
φ 0.75
Ambient temperature
-5 °C to 60 °C
Vibration Resistance
± 1.5 mm @ 10 - 60 Hz
acc. to IEC 60068-2-6, test Fc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Shock Resistance
100 G / 6 ms
acc. to IEC 60068-2-27, test Ea
Tripping Type
Thermal
Actuation type
Reset type
Weight
ca. 10 g


Similar Part No. - 4411.0012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
   Hex Keys
4411-AQ0025 ETC1-4411-AQ0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AQ4096 ETC1-4411-AQ4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AS0025 ETC1-4411-AS0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AS4096 ETC1-4411-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4411.0012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T13-212 SCHURTER-T13-212_V01 Datasheet
432Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T13-212 SCHURTER-T13-212_18 Datasheet
391Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T12-212 SCHURTER-T12-212 Datasheet
443Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T11-214 SCHURTER-T11-214_18 Datasheet
345Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-211 SCHURTER-T11-211 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211 Datasheet
411Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211_V01 Datasheet
460Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211 Datasheet
430Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_18 Datasheet
378Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211_V01 Datasheet
431Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com