Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4411.0012 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4411.0012
Description  Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4411.0012 Datasheet(HTML) 5 Page - Schurter Inc.

  4411.0012 Datasheet HTML 1Page - Schurter Inc. 4411.0012 Datasheet HTML 2Page - Schurter Inc. 4411.0012 Datasheet HTML 3Page - Schurter Inc. 4411.0012 Datasheet HTML 4Page - Schurter Inc. 4411.0012 Datasheet HTML 5Page - Schurter Inc. 4411.0012 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
T13-212
www.schurter.com /PG17_20
Circuit Breakers
T13
|-|1|2|3|B|-|1.23| = Rated current
Rated current
Configuration
key
0.05 A
0.05
0.1 A
0.1
0.15 A
0.15
0.2 A
0.2
0.3 A
0.3
0.4 A
0.4
0.5 A
0.5
0.6 A
0.6
0.7 A
0.7
0.8 A
0.8
0.9 A
0.9
1.0
1
1.1 A
1.1
1.2 A
1.2
1.3 A
1.3
1.4 A
1.4
1.5 A
1.5
1.6 A
1.6
1.7 A
1.7
1.8 A
1.8
1.9 A
1.9
2.0 A
2
2.1 A
2.1
2.3 A
2.3
2.5 A
2.5
2.8 A
2.8
3.0 A
3
3.3 A
3.3
Other rated currents on request
Rated current
Configuration
key
3.5 A
3.5
4.0 A
4
4.5 A
4.5
5.0 A
5
5.5 A
5.5
6.0
6
6.5 A
6.5
7.0 A
7
7.5 A
7.5
8.0 A
8
8.5 A
8.5
9.0 A
9
9.5 A
9.5
10.0 A
10
11.0 A
11
12.0 A
12
13.0 A
13
14.0 A
14
15.0 A
15
16.0 A
16
17.0 A
17
18.0 A
18
19.0 A
19
20.0 A
20
22.0 A
22
25.0 A
25
28.0 A
28
30.0 A
30
Other rated currents on request
Variants
Rated current
Setting indication
Config. Code
Order Number
16.0 A
T13-212-16
4411.0012
30.0 A
T13-212-30
4411.0067
12.0 A
T13-212-12
4411.0099
11.0 A
l
T13-212R-11
4411.0210
15.0 A
l
T13-212R-15
4411.0211
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/
Stock-Check-SCHURTER
Packaging Unit
20 Pcs


Similar Part No. - 4411.0012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
   Hex Keys
4411-AQ0025 ETC1-4411-AQ0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AQ4096 ETC1-4411-AQ4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AS0025 ETC1-4411-AS0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4411-AS4096 ETC1-4411-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4411.0012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T13-212 SCHURTER-T13-212_V01 Datasheet
432Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T13-212 SCHURTER-T13-212_18 Datasheet
391Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T12-212 SCHURTER-T12-212 Datasheet
443Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T11-214 SCHURTER-T11-214_18 Datasheet
345Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-211 SCHURTER-T11-211 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211 Datasheet
411Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211_V01 Datasheet
460Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211 Datasheet
430Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_18 Datasheet
378Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211_V01 Datasheet
431Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com