Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC6183ME1A-032k768 Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC6183ME1A-032k768
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6183ME1A-032k768 Datasheet(HTML) 5 Page - Microchip Technology

  DSC6183ME1A-032k768 Datasheet HTML 1Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 2Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 3Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 4Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 5Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 6Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 7Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 8Page - Microchip Technology DSC6183ME1A-032k768 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005624A-page 5
DSC61XX
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Operating Temperature
TJ
+150
°C
Storage Temperature Range
TA
–55
+150
°C
Soldering Temperature
TS
+260
°C
40 Sec. Max.


Similar Part No. - DSC6183ME1A-032k768

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC6101HA1B-B MICROCHIP-DSC6101HA1B-B Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC6101HA1B-T MICROCHIP-DSC6101HA1B-T Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC6101HA2B-B MICROCHIP-DSC6101HA2B-B Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC6101HA2B-T MICROCHIP-DSC6101HA2B-T Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC6101HA3B-B MICROCHIP-DSC6101HA3B-B Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
More results

Similar Description - DSC6183ME1A-032k768

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
   Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
   Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
   Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
logo
Raltron Electronics Cor...
CMC203 RALTRON-CMC203 Datasheet
735Kb / 6P
   Ultra Performance MEMS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com