Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4435.0050 Datasheet(PDF) 3 Page - Schurter Inc.

Part No. 4435.0050
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0050 Datasheet(HTML) 3 Page - Schurter Inc.

  4435.0050 Datasheet HTML 1Page - Schurter Inc. 4435.0050 Datasheet HTML 2Page - Schurter Inc. 4435.0050 Datasheet HTML 3Page - Schurter Inc. 4435.0050 Datasheet HTML 4Page - Schurter Inc. 4435.0050 Datasheet HTML 5Page - Schurter Inc. 4435.0050 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Thermal (T- and TA-Line)
TA35 Rocker 3Pole
www.schurter.com /PG17_20
Circuit Breakers
Typical internal resistance
Rated Current [A]
Internal Resistance [
Ω]
0.05
200.000
0.1
70.000
0.5
2.750
1.0
0.720
1.5
0.340
2.0
0.187
2.5
0.115
2.8
0.089
3.0
0.059
4.0
0.059
5.0
0.044
6.0
0.028
7.0
0.0142
8.0
0.0142
10.0
0.0109
12.0
0.0086
13.0
0.0072
14.0
0.0072
15.0
0.0056
16.0
0.0056
18.0
0.0052
20.0
0.0052
TA35 Rocker 3-poles max. 12 A
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient temperature [°C]
Correction factor
-30
0.76
-20
0.81
0
0.90
+23
1.00
+40
1.06
+50
1.10
+60
1.14
Example: Rated current = 5 A; Environmental temperature = 50 °C; --> Correction factor =
1.10; Resulting current = 5.2 A --> Fount to next higher rated current: 6 A


Similar Part No. - 4435.0050

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
4435.0052 SCHURTER-4435.0052 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0053 SCHURTER-4435.0053 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0054 SCHURTER-4435.0054 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0056 SCHURTER-4435.0056 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0050

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz