Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4435.0044 Datasheet(PDF) 5 Page - Schurter Inc.

Part No. 4435.0044
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0044 Datasheet(HTML) 5 Page - Schurter Inc.

  4435.0044 Datasheet HTML 1Page - Schurter Inc. 4435.0044 Datasheet HTML 2Page - Schurter Inc. 4435.0044 Datasheet HTML 3Page - Schurter Inc. 4435.0044 Datasheet HTML 4Page - Schurter Inc. 4435.0044 Datasheet HTML 5Page - Schurter Inc. 4435.0044 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
TA35 Rocker 3Pole
www.schurter.com /PG17_20
Circuit Breakers
Rated current
Configuration
key
0.8 A
J08
1.0 A
J10
1.2 A
J12
1.5 A
J15
2.0 A
J20
2.5 A
J25
3.0 A
030
3.5 A
035
4.0 A
040
5.0 A
050
6.0 A
060
7.0 A
070
8.0 A
080
10.0 A
100
12.0 A
120
Other rated currents on request
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Reserve
Reserve
Configuration
key
reserve
C0
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Accessories
Factory mounted accessories
Configuration
key
Without cover
For subsequent fitting accessories see:
http://www.schurter.ch/accessory_cbe
All Variants
Basic function
Rocker colour
Legend
Rated current
Accessories
Config. Code
Order Number
3-pole, 3 bimetal, without illumination
Black
white printed
2.5 A
Without cover
TA35-CKDBHJ25C0
4435.0229
3-pole, 3 bimetal, without illumination
White
embossed
3.0 A
Without cover
TA35-CKDWF030C0
4435.0025
3-pole, 3 bimetal, without illumination
Black
white printed
4.0 A
Without cover
TA35-CKDBH040C0
4435.0232
3-pole, 3 bimetal, without illumination
White
embossed
5.0 A
Without cover
TA35-CKDWF050C0
4435.0044
3-pole, 3 bimetal, without illumination
Black
white printed
5.0 A
Without cover
TA35-CKDBH050C0
4435.0048
3-pole, 3 bimetal, without illumination
Black
white printed
6.0 A
Without cover
TA35-CKDBH060C0
4435.0233
3-pole, 3 bimetal, without illumination
White
embossed
10.0 A
Without cover
TA35-CKDWF100C0
4435.0050
3-pole, 3 bimetal, without illumination
Black
white printed
10.0 A
Without cover
TA35-CKDBH100C0
4435.0235
3-pole, 3 bimetal, without illumination
White
embossed
12.0 A
Without cover
TA35-CKDWF120C0
4435.0017
3-pole, 3 bimetal, illuminated 415 V
Red transparent
white printed
12.0 A
Without cover
TA35-CD13L120C0
4435.0414
3-pole, whithout bimetal, without
illumination
Black
embossed
without thermal
overload protection
/ temporarily wit-
hout VDE approval
Without cover
TA35-CKCBFC00C0
4435.0288
3-pole, whithout bimetal, without
illumination
White
black printed
without thermal
overload protection
/ temporarily wit-
hout VDE approval
Without cover
TA35-CKCWMC00C0
4435.0411
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
10 Pcs


Similar Part No. - 4435.0044

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
4435.0041 SCHURTER-4435.0041 Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0042 SCHURTER-4435.0042 Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0046 SCHURTER-4435.0046 Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0047 SCHURTER-4435.0047 Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0049 SCHURTER-4435.0049 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0044

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz