Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SC5729 Datasheet(PDF) 1 Page - Rohm

Part No. 2SC5729
Description  Medium power transistor (30V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SC5729 Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5729
Transistor
Rev.A
1/3
Medium power transistor (30V, 0.5A)
2SC5729
Features
1) High speed switching. (Tf : Typ. : 50ns at IC = 500mA)
2) Low saturation voltage, typically
(Typ. : 150mV at IC = 100mA, IB = 10mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2047
Applications
External dimensions (Units : mm)
Each lead has same dimensions
Abbreviated symbol : UW
UMT3
1.25
2.1
0.1Min.
(1) Emitter
(2) Base
(3) Collector
Small signal low frequency amplifier
High speed switching
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5729
Type
T106
3000
Package
Basic ordering unit
(pieces)
Code
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
mW
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land.
∗2
∗1
°C
A
°C
VCBO
VCEO
IC
PC
Tj
VEBO
ICP
Tstg
Symbol
30
30
6
0.5
1.0
200
150
−55 to +150
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperrature
Range of storage temperature


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn