Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT32MUTCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1GT32MUTCG
Description  Single 2-Input OR Gate, TTL Level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT32MUTCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1GT32MUTCG Datasheet HTML 1Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 2Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 3Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 4Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 5Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 6Page - ON Semiconductor NLU1GT32MUTCG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 7
1
Publication Order Number:
NLU1GT32/D
NLU1GT32
Single 2-Input OR Gate,
TTL Level
LSTTL−Compatible Inputs
The NLU1GT32 MiniGate
t is an advanced CMOS high−speed
2−input OR gate in ultra−small footprint.
The device input is compatible with TTL−type input thresholds and
the output has a full 5.0 V CMOS level output swing.
The NLU1GT32 input and output structures provide protection
when voltages up to 7.0 V are applied, regardless of the supply
voltage.
Features
High Speed: tPD = 3.7 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
TTL−Compatible Input: VIL = 0.8 V; VIH = 2.0 V
CMOS−Compatible Output:
VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on inputs
Balanced Propagation Delays
Ultra−Small Packages
These are Pb−Free Devices
VCC
IN B
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
IN B
≥ 1
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5NC
OUT Y
FUNCTION TABLE
L
L
H
H
AY
L
H
H
H
6VCC
Input
Output
B
L
H
L
H
MARKING
DIAGRAMS
5
= Device Marking
M
= Date Code
www.onsemi.com
See detailed ordering and shipping information on page 4 of
this data sheet.
ORDERING INFORMATION
5M
1
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
M
1
M


Similar Part No. - NLU1GT32MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT32MUTCG ONSEMI-NLU1GT32MUTCG Datasheet
147Kb / 8P
   Single 2-Input OR Gate, TTL Level
July, 2009 ??Rev. 4
More results

Similar Description - NLU1GT32MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT32 ONSEMI-NLU1GT32 Datasheet
147Kb / 8P
   Single 2-Input OR Gate, TTL Level
July, 2009 ??Rev. 4
NLU1GT86 ONSEMI-NLU1GT86_16 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com