Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5716 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5716
Description  TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5716 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5716 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5716
2001-11-27
3
Base current IB (A)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
Base current IB (A)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
Base current IB (A)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
3
5
10
0
0
0.4
0.8
1.2
1.6
2.4
2
4
6
8
2
4
IC = 6 A
Common emitter
Tc
= 100°C
8
10
0.05
0.2
1
3
5
10
30
50
100
0.1
0.5
1
0.3
5
3
4
IC/IB = 2
6
Common emitter
Tc
= 100°C
4
3
5
10
0
0
0.4
0.8
1.2
1.6
2.4
2
4
6
8
2
IC = 6 A
Common emitter
Tc
= 25°C
2.4
5
10
0
0
4
3
IC = 6 A
0.4
0.8
1.2
1.6
2
4
6
8
2
Common emitter
Tc
= -25°C
10
0.05
0.2
1
3
5
10
30
50
100
0.1
0.5
1
0.3
5
3
4
IC/IB = 2
6
Common emitter
Tc
= -25°C
8
10
0.05
0.2
1
3
5
10
30
50
100
0.1
0.5
1
0.3
5
3
4
8
IC/IB = 2
6
Common emitter
Tc
= 25°C


Similar Part No. - 2SC5716

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5710 SANYO-2SC5710 Datasheet
37Kb / 5P
   DC / DC Converter Applications
logo
Toshiba Semiconductor
2SC5712 TOSHIBA-2SC5712 Datasheet
182Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5712 TOSHIBA-2SC5712 Datasheet
169Kb / 5P
   High-Speed Switching Applications
2SC5712 TOSHIBA-2SC5712 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC5712 TOSHIBA-2SC5712_06 Datasheet
169Kb / 5P
   High-Speed Switching Applications
More results

Similar Description - 2SC5716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SC5859 TOSHIBA-2SC5859 Datasheet
200Kb / 5P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
GTM CORPORATION
GE13007 GTM-GE13007 Datasheet
304Kb / 3P
   NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
   Transistor Silicon NPN Triple Diffused Mesa Type
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
   NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
   SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
   SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com