Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT04 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLU1GT04
Description  Single Inverter, TTL Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT04 Datasheet(HTML) 6 Page - ON Semiconductor

  NLU1GT04_16 Datasheet HTML 1Page - ON Semiconductor NLU1GT04_16 Datasheet HTML 2Page - ON Semiconductor NLU1GT04_16 Datasheet HTML 3Page - ON Semiconductor NLU1GT04_16 Datasheet HTML 4Page - ON Semiconductor NLU1GT04_16 Datasheet HTML 5Page - ON Semiconductor NLU1GT04_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NLU1GT04
www.onsemi.com
6
PACKAGE DIMENSIONS
UDFN6, 1.45x1.0, 0.5P
CASE 517AQ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
6X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.30
0.40
L1
−−−
0.15
DIMENSIONS: MILLIMETERS
0.30
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PACKAGE
OUTLINE
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
A2
0.07 REF
6X
A2
DETAIL B
DETAIL A
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NLU1GT04/D
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLU1GT04_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT04AMX1TCG ONSEMI-NLU1GT04AMX1TCG Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
NLU1GT04BMX1TCG ONSEMI-NLU1GT04BMX1TCG Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
NLU1GT04CMX1TCG ONSEMI-NLU1GT04CMX1TCG Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
NLU1GT04MUTCG ONSEMI-NLU1GT04MUTCG Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
More results

Similar Description - NLU1GT04_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14_16 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
   Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NLU1GT32 ONSEMI-NLU1GT32 Datasheet
147Kb / 8P
   Single 2-Input OR Gate, TTL Level
July, 2009 ??Rev. 4
NLU1GT32 ONSEMI-NLU1GT32_16 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT86 ONSEMI-NLU1GT86_16 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK Datasheet
90Kb / 6P
   TTL level input (control input)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com