Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1G86 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1G86
Description  Single 2-Input Exclusive OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G86 Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1G86_16 Datasheet HTML 1Page - ON Semiconductor NLU1G86_16 Datasheet HTML 2Page - ON Semiconductor NLU1G86_16 Datasheet HTML 3Page - ON Semiconductor NLU1G86_16 Datasheet HTML 4Page - ON Semiconductor NLU1G86_16 Datasheet HTML 5Page - ON Semiconductor NLU1G86_16 Datasheet HTML 6Page - ON Semiconductor NLU1G86_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 3
1
Publication Order Number:
NLU1G86/D
NLU1G86
Single 2-Input Exclusive OR
Gate
The NLU1G86 MiniGate
t is an advanced high−speed CMOS
2−input Exclusive OR gate in ultra−small footprint.
The NLU1G86 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.5 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
VCC
IN B
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
= 1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
IN B
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5NC
OUT Y
FUNCTION TABLE
L
L
H
H
AY
L
H
H
L
6VCC
Input
Output
B
L
H
L
H
MARKING
DIAGRAMS
4
= Device Marking
M
= Date Code
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
X M
1
X M
1
X M


Similar Part No. - NLU1G86_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G86AMUTCG ONSEMI-NLU1G86AMUTCG Datasheet
187Kb / 8P
   Single 2-Input Exclusive OR Gate
January, 2020 - Rev. 4
NLU1G86AMX1TCG ONSEMI-NLU1G86AMX1TCG Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
NLU1G86BMX1TCG ONSEMI-NLU1G86BMX1TCG Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
NLU1G86CMUTCG ONSEMI-NLU1G86CMUTCG Datasheet
187Kb / 8P
   Single 2-Input Exclusive OR Gate
January, 2020 - Rev. 4
NLU1G86CMX1TCG ONSEMI-NLU1G86CMX1TCG Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
More results

Similar Description - NLU1G86_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com