Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ00CMUTCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ00CMUTCG
Description  Single 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ00CMUTCG Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ00CMUTCG Datasheet HTML 1Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 2Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 3Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 4Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 5Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 6Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 7Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 8Page - ON Semiconductor NL17SZ00CMUTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NL17SZ00
www.onsemi.com
2
PIN ASSIGNMENT (SOT−353/
SC70−5/SC−88A/SOT−553/ UDFN)
Pin
1
2
3
4
5
Function
IN A
IN B
GND
OUT Y
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = AB
Y
H
H
H
L
A
L
L
H
H
PIN ASSIGNMENT (SOT−953)
Pin
1
2
3
4
5
Function
IN A
GND
IN B
OUT Y
VCC
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to + 7.0
V
VIN
DC Input Voltage
−0.5 to + 7.0
V
VOUT
DC Output Voltage
(SOT−353/SC70−5/SC−88A/SOT−553/UDFN Packages)
Power−Down Mode
−0.5 to + 7.0
V
VOUT
DC Output Voltage
(SOT−953 Package)
−0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
−50
mA
IOK
DC Output Diode Current
VOUT < GND, VOUT > VCC
(SOT−953 Package)
±50
mA
IOK
DC Output Diode Current
VOUT < GND
(SOT−353/SC70−5/SC−88A/SOT−553 Packages)
−50
mA
IOUT
DC Output Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance
SOT−353 (Note 1)
SOT−553
350
496
°C/W
PD
Power Dissipation in Still Air at 85
°C
SOT−353
SOT−553
186
135
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
2000
200
N/A
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.


Similar Part No. - NL17SZ00CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00 ONSEMI-NL17SZ00 Datasheet
56Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 4
NL17SZ00 ONSEMI-NL17SZ00 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL17SZ00 ONSEMI-NL17SZ00 Datasheet
189Kb / 13P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 14
NL17SZ00 ONSEMI-NL17SZ00 Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
NL17SZ00DBVT1G ONSEMI-NL17SZ00DBVT1G Datasheet
189Kb / 13P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 14
More results

Similar Description - NL17SZ00CMUTCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com