Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL37WZ04 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL37WZ04
Description  Triple Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ04 Datasheet(HTML) 5 Page - ON Semiconductor

  NL37WZ04_15 Datasheet HTML 1Page - ON Semiconductor NL37WZ04_15 Datasheet HTML 2Page - ON Semiconductor NL37WZ04_15 Datasheet HTML 3Page - ON Semiconductor NL37WZ04_15 Datasheet HTML 4Page - ON Semiconductor NL37WZ04_15 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NL37WZ04
www.onsemi.com
5
PACKAGE DIMENSIONS
US8
CASE 493−02
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.80
2.10
0.075
0.083
MILLIMETERS
B
2.20
2.40
0.087
0.094
C
0.60
0.80
0.024
0.035
D
0.17
0.25
0.007
0.010
F
0.20
0.35
0.008
0.014
G
0.50 BSC
0.020 BSC
H
0.40 REF
0.016 REF
J
0.10
0.18
0.004
0.007
K
0.00
0.10
0.000
0.004
L
3.00
3.20
0.118
0.128
M
0
6
0
6
N
0
10
0
10
P
0.23
0.34
0.010
0.013
R
0.23
0.33
0.009
0.013
S
0.37
0.47
0.015
0.019
U
0.60
0.80
0.024
0.031
V
0.12 BSC
0.005 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURR. MOLD
FLASH. PROTRUSION AND GATE BURR SHALL
NOT EXCEED 0.14MM (0.0055”) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH
AND PROTRUSION SHALL NOT EXCEED 0.14MM
(0.0055”) PER SIDE.
5. LEAD FINISH IS SOLDER PLATING WITH
THICKNESS OF 0.0076−0.0203MM (0.003−0.008”).
6. ALL TOLERANCE UNLESS OTHERWISE
SPECIFIED
±0.0508MM (0.0002”).
L
B
A
P
G
4
1
5
8
C
K
D
SEATING
J
S
R
U
DETAIL E
V
F
H
N
R 0.10 TYP
M
DETAIL E
T
M
0.10 (0.004)
XY
T
0.10 (0.004)
__
__
__
__
PLANE
X Y
T
0.30
8X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
RECOMMENDED
1
PITCH
3.40
0.68
8X
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NL37WZ04/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.


Similar Part No. - NL37WZ04_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ04/D ONSEMI-NL37WZ04/D Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
NL37WZ04D ONSEMI-NL37WZ04D Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
NL37WZ04MQ1TCG ONSEMI-NL37WZ04MQ1TCG Datasheet
327Kb / 12P
   Triple Inverter
October, 2020 - Rev. 9
NL37WZ04MQ2TCG ONSEMI-NL37WZ04MQ2TCG Datasheet
327Kb / 12P
   Triple Inverter
October, 2020 - Rev. 9
NL37WZ04MU1TCG ONSEMI-NL37WZ04MU1TCG Datasheet
327Kb / 12P
   Triple Inverter
October, 2020 - Rev. 9
More results

Similar Description - NL37WZ04_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com