Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ14 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ14
Description  Dual Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ14 Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ14 Datasheet HTML 1Page - ON Semiconductor NL27WZ14 Datasheet HTML 2Page - ON Semiconductor NL27WZ14 Datasheet HTML 3Page - ON Semiconductor NL27WZ14 Datasheet HTML 4Page - ON Semiconductor NL27WZ14 Datasheet HTML 5Page - ON Semiconductor NL27WZ14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL27WZ14
www.onsemi.com
4
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
Figure 3. Switching Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = CL or equivalent (includes jog and probe capacitance)
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
Figure 5. Typical Input Threshold, VT), VT* versus Power Supply Voltage
VHtyp
VCC, POWER SUPPLY VOLTAGE (VOLTS)
23
1
2
3
4
VHtyp = (VT) typ) − (VT* typ)
(VT))
(VT*)
2.5
3.5
3.6
VH
Vin
Vout
VCC
VT)
VT*
GND
VOH
VOL
VH
Vin
Vout
VCC
VT)
VT*
GND
VOH
VOL
(a) A Schmitt−Trigger Squares Up Inputs With
Slow Rise and Fall Times
(b) A Schmitt−Trigger Offers Maximum Noise Immunity
Figure 6. Typical Schmitt−Trigger Applications


Similar Part No. - NL27WZ14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
81Kb / 6P
   Dual Schmitt?뭈rigger Inverter
February, 2007 ??Rev. 9
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
444Kb / 14P
   Dual Schmitt-Trigger Inverter
March, 2022 - Rev. 18
NL27WZ14DBVT1G ONSEMI-NL27WZ14DBVT1G Datasheet
444Kb / 14P
   Dual Schmitt-Trigger Inverter
March, 2022 - Rev. 18
More results

Similar Description - NL27WZ14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com