Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL27WZ14
Description  Dual Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ14 Datasheet(HTML) 2 Page - ON Semiconductor

  NL27WZ14_16 Datasheet HTML 1Page - ON Semiconductor NL27WZ14_16 Datasheet HTML 2Page - ON Semiconductor NL27WZ14_16 Datasheet HTML 3Page - ON Semiconductor NL27WZ14_16 Datasheet HTML 4Page - ON Semiconductor NL27WZ14_16 Datasheet HTML 5Page - ON Semiconductor NL27WZ14_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL27WZ14
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristics
Value
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage, Output in HIGH or LOW State (Note 1)
−0.5
≤ VO ≤ +7.0
V
IIK
DC Input Diode Current, VI < GND
−50
mA
IOK
DC Output Diode Current, VO < GND
−50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
PD
Power Dissipation in Still Air;
SC−88, TSOP−6
200
mW
qJA
Thermal Resistance; SC−88, TSOP−6
333
°C/W
TL
Lead Temperature, 1 mm from case for 10 s
260
°C
TJ
Junction Temperature under Bias
+150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A
3. Tested to EIA/JESD22−A115−A
4. Tested to JESD22−C101−A
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.5
5.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage (High or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 2.5 V ±0.2 V
VCC =3.0 V ±0.3 V
VCC =5.0 V ±0.5 V
0
0
0
No Limit
No Limit
No Limit
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ORDERING INFORMATION
Device
Package
Shipping
NL27WZ14DFT2G
SC−88/SOT−363/SC70−6
(Pb−Free)
3000 / Tape & Reel
NLV27WZ14DFT2G*
NL27WZ14DTT1G
TSOP−6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NL27WZ14_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ14DBVT1G ONSEMI-NL27WZ14DBVT1G Datasheet
444Kb / 14P
   Dual Schmitt-Trigger Inverter
March, 2022 - Rev. 18
NL27WZ14DFT2 ONSEMI-NL27WZ14DFT2 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
NL27WZ14DFT2 ONSEMI-NL27WZ14DFT2 Datasheet
81Kb / 6P
   Dual Schmitt?뭈rigger Inverter
February, 2007 ??Rev. 9
NL27WZ14DFT2G ONSEMI-NL27WZ14DFT2G Datasheet
81Kb / 6P
   Dual Schmitt?뭈rigger Inverter
February, 2007 ??Rev. 9
NL27WZ14DFT2G ONSEMI-NL27WZ14DFT2G Datasheet
444Kb / 14P
   Dual Schmitt-Trigger Inverter
March, 2022 - Rev. 18
More results

Similar Description - NL27WZ14_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com