Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ32 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL17SZ32
Description  Single 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ32 Datasheet(HTML) 8 Page - ON Semiconductor

  NL17SZ32 Datasheet HTML 1Page - ON Semiconductor NL17SZ32 Datasheet HTML 2Page - ON Semiconductor NL17SZ32 Datasheet HTML 3Page - ON Semiconductor NL17SZ32 Datasheet HTML 4Page - ON Semiconductor NL17SZ32 Datasheet HTML 5Page - ON Semiconductor NL17SZ32 Datasheet HTML 6Page - ON Semiconductor NL17SZ32 Datasheet HTML 7Page - ON Semiconductor NL17SZ32 Datasheet HTML 8Page - ON Semiconductor NL17SZ32 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NL17SZ32
www.onsemi.com
8
PACKAGE DIMENSIONS
UDFN6, 1x1, 0.35P
CASE 517BX
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. PACKAGE DIMENSIONS EXCLUSIVE OF
BURRS AND MOLD FLASH.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
A B
E
D
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
2X
2X
A3
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
L1
1
3
4
6
M
M
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
0.35
1
PKG
OUTLINE


Similar Part No. - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
190Kb / 13P
   Single 2-Input OR Gate
November, 2018 ??Rev. 18
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
159Kb / 13P
   Single 2-Input OR Gate
June, 2022 - Rev. 21
NL17SZ32/D ONSEMI-NL17SZ32/D Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
More results

Similar Description - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com