Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ32 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ32
Description  Single 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ32 Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ32_15 Datasheet HTML 1Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 2Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 3Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 4Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 5Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 6Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 7Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 8Page - ON Semiconductor NL17SZ32_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NL17SZ32
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
2.0
5.5
12.0
2.0
12.7
ns
RL = 1 MW, CL = 15 pF
1.8
2.0
4.6
10
2.0
10.5
RL = 1 MW, CL = 15 pF
2.5
± 0.2
0.8
3.0
7
0.8
7.5
RL = 1 MW, CL = 15 pF
3.3
± 0.3
0.5
2.6
4.7
0.5
5.0
RL = 500 W, CL = 50 pF
1.5
3.0
5.2
1.5
5.5
RL = 1 MW, CL = 15 pF
5.0
± 0.5
0.5
2.2
4.1
0.5
4.4
RL = 500 W, CL = 50 pF
0.8
2.4
4.5
0.8
4.8
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4
pF
CPD
Power Dissipation Capacitance
(Note 5)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
30
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 3. Switching Waveform
RL
CL
A 1 MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
INPUT
ORDERING INFORMATION
Device Order Number
Package Type
Tape and Reel Size
NL17SZ32DFT2G
SC−88A/SC−70−5/SOT−353
(Pb−Free)
3000 / Tape & Reel
NL17SZ32XV5T2G
SOT−553
(Pb−Free)
4000 / Tape & Reel
NL17SZ32P5T5G
SOT−953
(Pb−Free)
8000 / Tape & Reel
NL17SZ32MU1TCG
(In Development)
UDFN6, 1.45 x 1.0, 0.5P
(Pb−Free)
3000 / Tape & Reel
NL17SZ32MU3TCG
(In Development)
UDFN6, 1.0 x 1.0, 0.35P
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NL17SZ32_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ32 ONSEMI-NL17SZ32_18 Datasheet
190Kb / 13P
   Single 2-Input OR Gate
November, 2018 ??Rev. 18
More results

Similar Description - NL17SZ32_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com