Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ04 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ04
Description  Single Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ04 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ04 Datasheet HTML 1Page - ON Semiconductor NL17SZ04 Datasheet HTML 2Page - ON Semiconductor NL17SZ04 Datasheet HTML 3Page - ON Semiconductor NL17SZ04 Datasheet HTML 4Page - ON Semiconductor NL17SZ04 Datasheet HTML 5Page - ON Semiconductor NL17SZ04 Datasheet HTML 6Page - ON Semiconductor NL17SZ04 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 14
1
Publication Order Number:
NL17SZ04/D
NL17SZ04
Single Inverter
The NL17SZ04 is an inverter in three tiny footprint packages. The
device performs much as LCX multi−gate products in speed and drive.
Features
Tiny SOT−353, SOT−553 and SOT−953 Packages
24 mA Sink and Source Output Capability
Over−Voltage Tolerant Inputs and Outputs
Pin For Pin with NC7SZ04P5X, TC7SZ04FU and TC7SZ04AFE
Chip Complexity: FETs = 20
Designed for 1.65 V to 5.5 V VCC Operation
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
IN A
OUT Y
VCC
NC
IN A
1
2
3
5
4
GND
OUT Y
VCC
NC
IN A
OUT Y
GND
1
2
3
4
5
SOT−353/SC70−5/
SC−88A/SOT−553
SOT−953
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SOT−353/SC70−5/SC−88A
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
1
5
1
5
www.onsemi.com
L5 M
G
G
L5
= Specific Device Marking
M
= Date Code
L5 M
1
5
L5
= Specific Device Marking
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
SOT−953
CASE 527AE
V
= Specific Device Code
M
= Month Code
V M
1


Similar Part No. - NL17SZ04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
75Kb / 6P
   Single Inverter
December, 2005 ??Rev. 7
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
NL17SZ04 ONSEMI-NL17SZ04 Datasheet
171Kb / 13P
   Single Inverter
May, 2022 - Rev. 18
NL17SZ04DBVT1G ONSEMI-NL17SZ04DBVT1G Datasheet
188Kb / 13P
   Single Inverter
November, 2018 ??Rev. 15
More results

Similar Description - NL17SZ04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com