Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SG32
Description  Single 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG32 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SG32_15 Datasheet HTML 1Page - ON Semiconductor NL17SG32_15 Datasheet HTML 2Page - ON Semiconductor NL17SG32_15 Datasheet HTML 3Page - ON Semiconductor NL17SG32_15 Datasheet HTML 4Page - ON Semiconductor NL17SG32_15 Datasheet HTML 5Page - ON Semiconductor NL17SG32_15 Datasheet HTML 6Page - ON Semiconductor NL17SG32_15 Datasheet HTML 7Page - ON Semiconductor NL17SG32_15 Datasheet HTML 8Page - ON Semiconductor NL17SG32_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 6
1
Publication Order Number:
NL17SG32/D
NL17SG32
Single 2-Input OR Gate
The NL17SG32 MiniGate
t is an advanced high−speed CMOS
2−input OR gate in ultra−small footprint.
The NL17SG32 input structures provides protection when voltages
up to 4.6 V are applied.
Features
Wide Operating VCC Range: 0.9 V to 3.6 V
High Speed: tPD = 2.4 ns (Typ) at VCC = 3.0 V, CL = 15 pF
Low Power Dissipation: ICC = 0.5 mA (Max) at TA = 25°C
4.6 V Overvoltage Tolerant (OVT) Input Pins
Ultra−Small Packages
These are Pb−Free and Halide−Free Devices
Figure 1. Pinouts (Top View)
VCC
IN A
GND
OUT Y
IN B
IN A
IN B
OUT Y
≥ 1
Figure 2. Logic Symbol
1
2
3
5
4
VCC
IN B
IN A
OUT Y
GND
1
2
3
5
4
1
2
3
6
5
4
IN A
IN B
GND
NC
OUT Y
VCC
SOT−953
SC−88A
UDFN6
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
PIN ASSIGNMENT
1
2
3
IN B
IN A
GND
4
5VCC
OUT Y
M
= Date Code*
G
= Pb−Free Package
FUNCTION TABLE
L
L
H
H
A Input
Y Output
L
H
H
H
B Input
L
H
L
H
6
GND
IN B
IN A
VCC
OUT Y
GND
IN A
IN B
NC
OUT Y
VCC
SOT−953
SC−88A
UDFN6
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
SOT−953
P5 SUFFIX
CASE 527AE
3 M
1
UDFN6
1.0 x 1.0
CASE 517BX
1
M
UDFN6
1.45 x 1.0
CASE 517AQ
1
M
SC−88A
DF SUFFIX
CASE 419A
AU M
G
G
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
1


Similar Part No. - NL17SG32_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG32 ONSEMI-NL17SG32_18 Datasheet
133Kb / 9P
   Single 2-Input OR Gate
July, 2018 ??Rev. 7
More results

Similar Description - NL17SG32_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com