Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT20DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT20DG
Description  Dual 4-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT20DG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT20DG Datasheet HTML 1Page - ON Semiconductor MC74ACT20DG Datasheet HTML 2Page - ON Semiconductor MC74ACT20DG Datasheet HTML 3Page - ON Semiconductor MC74ACT20DG Datasheet HTML 4Page - ON Semiconductor MC74ACT20DG Datasheet HTML 5Page - ON Semiconductor MC74ACT20DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74AC20, MC74ACT20
www.onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40
°C to
+85
°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum Low Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = − 50 mA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
− 12 mA
4.5
3.86
3.76
IOH
− 24 mA
5.5
4.86
4.76
− 24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
6.0
8.5
1.5
10.0
ns
5.0
1.5
5.0
7.0
1.0
8.0
tPHL
Propagation Delay
3.3
1.5
5.0
7.0
1.0
9.0
ns
5.0
1.5
4.0
6.0
1.0
7.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74ACT20DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT20DG ONSEMI-MC74ACT20DG Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
More results

Similar Description - MC74ACT20DG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com