Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LM3351 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3351
Description  Switched Capacitor Voltage Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM3351 Datasheet(HTML) 4 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics (Continued)
Pin Description
Pin
Name
Function
1
Cap1+
Positive terminal for the first charge
pump capacitor.
2
Cap1−
Negative terminal for the first charge
pump capacitor.
3
Cap2+
Positive terminal for the second charge
pump capacitor.
4
Cap2−
Negative terminal for the second charge
pump capacitor.
5V
low
In Step-Up mode, this will be the input
terminal. In Step-Down mode, this will
be the output terminal.
6
Gnd
Ground
7V
high
In Step-Down mode, this will be the
input terminal. In Step-Up mode, this
will be the output terminal.
8
Enable
Active high CMOS logic level Enable
Input. Connect to Voltage Input terminal
to enable the IC. Connect to Ground
(Pin 6) to disable.
Detailed Operation
OPERATING PRINCIPLE
The LM3351 is a charge-pump voltage converter that pro-
vides a voltage conversion ratio of 3/2 in step-up mode and
a conversion ratio of 2/3 in the step-down mode. Thus it can
be used in the step-down mode to provide a 3.3V output
from a regulated 5V input or in the step-up mode to provide
a 5V output from a regulated 3.3V input. Other values of in-
put voltages can be used as long as they are within the lim-
its.
The LM3351 contains an array of CMOS switches which are
operated in a certain sequence to provide the step-up or
step-down of the input supply. An internal RC oscillator pro-
vides the timing signals.
Energy transfer and storage are provided by four inexpen-
sive ceramic capacitors. The selection of these capacitors is
explained in the Capacitor Selection section under Applica-
tion Information.
V
out vs Iload (Step-Down)
DS100146-7
Pη vs Iload (Step-Down)
DS100146-8
Output Source Impedance vs
Temperature (Step-Down)
DS100146-9
Switching Frequency vs
Temperature
DS100146-10
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3350Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2660Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2662Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK65018CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR 1 2 3 4 5 TOKO, Inc
LM2766Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK75018SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR 1 2 3 4 5 MoreTOKO, Inc
LM2665Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2681Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn