Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF080B-50-4C-PAE-T Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25VF080B-50-4C-PAE-T
Description  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B-50-4C-PAE-T Datasheet(HTML) 1 Page - Microchip Technology

  SST25VF080B-50-4C-PAE-T Datasheet HTML 1Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 2Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 3Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 4Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 5Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 6Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 7Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 8Page - Microchip Technology SST25VF080B-50-4C-PAE-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005045C-page 1
Features
• Single Voltage Read and Write Operations
- 2.7-3.6V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
- 50/66 MHz conditional (see Table 5-6)
• Superior Reliability
- Endurance: 100,000 Cycles (typical)
- Greater than 100 years Data Retention
• Low Power Consumption:
- Active Read Current: 10 mA (typical)
- Standby Current: 5 µA (typical)
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Uniform 32 KByte overlay blocks
- Uniform 64 KByte overlay blocks
• Fast Erase and Byte-Program:
- Chip-Erase Time: 35 ms (typical)
- Sector-/Block-Erase Time: 18 ms (typical)
- Byte-Program Time: 7 µs (typical)
• Auto Address Increment (AAI) Programming
- Decrease total chip programming time over
Byte-Program operations
• End-of-Write Detection
- Software polling the BUSY bit in Status Register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#)
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of the
status register
• Software Write Protection
- Write protection through Block-Protection bits in
status register
• Temperature Range
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
• Packages Available
- 8-lead SOIC (200 mils)
- 8-contact WSON (6mm x 5mm)
- 8-lead PDIP (300 mils)
• All devices are RoHS compliant
Product Description
25 series Serial Flash family features a four-wire, SPI-
compatible interface that allows for a low pin-count
package which occupies less board space and ulti-
mately lowers total system costs. The SST25VF080B
devices are enhanced with improved operating fre-
quency and lower power consumption. SST25VF080B
SPI serial flash memories are manufactured with pro-
prietary, high-performance CMOS SuperFlash technol-
ogy. The split-gate cell design and thick-oxide tunneling
injector attain better reliability and manufacturability
compared with alternate approaches.
The SST25VF080B devices significantly improve per-
formance and reliability, while lowering power con-
sumption. The devices write (Program or Erase) with a
single power supply of 2.7-3.6V for SST25VF080B.
The total energy consumed is a function of the applied
voltage, current, and time of application. Since for any
given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time,
the total energy consumed during any Erase or Pro-
gram operation is less than alternative flash memory
technologies.
The SST25VF080B device is offered in 8-lead SOIC
(200 mils), 8-contact WSON (6mm x 5mm), and 8-lead
PDIP (300 mils) packages. See Figure 2-1 for pin
assignments.
SST25VF080B
8 Mbit SPI Serial Flash


Similar Part No. - SST25VF080B-50-4C-PAE-T

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B-50-4C-PAE SST-SST25VF080B-50-4C-PAE Datasheet
757Kb / 32P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B-50-4C-PAE MICROCHIP-SST25VF080B-50-4C-PAE Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results

Similar Description - SST25VF080B-50-4C-PAE-T

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com