Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5866 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 409-5866
Description  Audio/Microphone Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5866 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  409-5866 Datasheet HTML 1Page - TE Connectivity Ltd 409-5866 Datasheet HTML 2Page - TE Connectivity Ltd 409-5866 Datasheet HTML 3Page - TE Connectivity Ltd 409-5866 Datasheet HTML 4Page - TE Connectivity Ltd 409-5866 Datasheet HTML 5Page - TE Connectivity Ltd 409-5866 Datasheet HTML 6Page - TE Connectivity Ltd 409-5866 Datasheet HTML 7Page - TE Connectivity Ltd 409-5866 Datasheet HTML 8Page - TE Connectivity Ltd 409-5866 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
114- 10011
Rev C
4
of 11
The discrete wires must be stripped to the dimension provided in Figure 3.
Do not nick, scrape, or cut the wire conductor during the stripping operation.
Strip Length
Wire
Insulation
Discrete Wire
INSULATION
WIRE SIZE,
STRIP
WIRE BARREL
INSULATION BARREL
INSULATION
DIAMETER
WIRE SIZE,
AWG
STRIP
LENGTH
CRIMP HEIGHT
CRIMP WIDTH
CRIMP HEIGHT
CRIMP WIDTH
18
3.18--3.94D
[.125--.155]
0.97--1.07
2.03--2.54
18
3.56--4.32[
[.140--.170]
0.97 1.07
[.038--.042]
1.52--1.75
2.74--3
2.03 2.54
[.080--.100]
20
3.18--3.94D
[.125--.155]
0.81--0.91
1.52 1.75
[.060--.069]
ADJUSTABLE
(B
l Sh ld
2.74 3
[.108--.118]
20
3.56--4.32[
[.140--.170]
0.81 0.91
[.032--.036]
(Barrel Should
Grip Insulation
Without Cutting
22
0.64--0.74
[.025--.029]
Without Cutting
Into It)
0.91--1.37
[.036--.054]
24
3.58--4.34U
[.141--.171]
0.521--0.660
[.0205--.0260]
1.27--1.52
[.050--.060]
1.45--1.7
[.057--.067]
[ 036 05 ]
26 28
[
]
0.51--0.61
[ 050 060]
[ 05 06 ]
26--28
0.51 0.61
[.020--.024]
D
Automatic Machine Crimp Dimensions, [Hand Tool Crimp Dimensions, UBoth Machine and Hand Tool Crimp Dimensions
Figure 3
3.5. Crimped Contact Requirements
Locate the contact to be crimped in the appropriate tooling according to the instructions packaged with that
tooling. Detailed instructions covering the placement of contacts in the tooling and the use of such tooling is
packaged with each tool.
Terminate the contact according to the directions shipped with the appropriate tooling. See Section 5,
TOOLING.
Wire insulation shall NOT be cut or broken during the crimping operation, nor shall the insulation be crimped into the
contact wire barrel. Reasonable care should be taken by tooling operators to provide undamaged wire terminations.
A typical receptacle contact as it should appear after crimping is shown in Figure 4. These requirements apply
equally to the pin contact.
A. Crimp Height
The crimp applied to the wire portion of the contact is the most compressed area and is most critical in
ensuring optimum electrical and mechanical performance of the crimped contact. The crimp height must
be within the dimensions provided in Figure 3.
CAUTION
!
CAUTION
!


Similar Part No. - 409-5866

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
409-5860 MACOM-409-5860 Datasheet
142Kb / 5P
   Crimping Die Assemblies
409-5862 MACOM-409-5862 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
More results

Similar Description - 409-5866

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91-PC4F ETC2-91-PC4F Datasheet
162Kb / 2P
   microphone connectors
logo
Tyco Electronics
207314-1 MACOM-207314-1 Datasheet
32Kb / 1P
   HOUSING, CORD GUARD, AUDIO MICROPHONE
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
   Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com