Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5842 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 409-5842
Description  Audio/Microphone Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5842 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  409-5842 Datasheet HTML 1Page - TE Connectivity Ltd 409-5842 Datasheet HTML 2Page - TE Connectivity Ltd 409-5842 Datasheet HTML 3Page - TE Connectivity Ltd 409-5842 Datasheet HTML 4Page - TE Connectivity Ltd 409-5842 Datasheet HTML 5Page - TE Connectivity Ltd 409-5842 Datasheet HTML 6Page - TE Connectivity Ltd 409-5842 Datasheet HTML 7Page - TE Connectivity Ltd 409-5842 Datasheet HTML 8Page - TE Connectivity Ltd 409-5842 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
114- 10011
Rev C
5
of 11
B. Crimp Length
For optimum crimp effectiveness, the crimp must be within the area shown in Figure 4. Effective crimp
length shall be defined as that portion of the wire barrel, excluding bellmouth(s), fully formed by the
crimping tool. Instructions for adjusting, repairing, and inspecting tools are packaged with the tools. See
Figure 10.
C. Bellmouths
Front and rear bellmouths shall be evident and conform to the dimensions given in Figure 4.
D. Cutoff Tab
The cutoff tab shall be cut to the dimensions shown in Figure 4.
E. Burrs
The cutoff burr shall not exceed the dimensions shown in Figure 4.
F. Wire Barrel Flash
The wire barrel flash shall not exceed the dimensions shown in Figure 4 in Section X--X.
G. Wire Location
After crimping, the wire conductor and insulation must be visible in the transition area between the wire
and insulation barrels.
H. Conductor Location
The conductor may extend beyond the wire barrel to the maximum shown in Figure 4.
I. Wire Barrel Seam
The wire barrel seam must be closed with no evidence of loose wire strands visible in the seam.
Figure 4
0.13 [.005]
Max. Burr
Cutoff Tab 0.25
[.010] Max
0.25 [.010] Max.
Wire Barrel
Flash
View A
Section X-X
Wire Barrel
Crimp Height
Cutoff Tab Must Be
Visible -- See View A
X
X
No Damage or Distortion to the
Contact or the Locking Lance
Conductor Extension
0.51 [.020] Max
Wire Insulation and
Conductors Must Both
Be VisibleinThisArea
Rear Bellmouth
0.18--0.30 [.007--.012]
Wire
Barrel Flash
Front Bellmouth
0.20 [.008] Max
Effective Crimp Length
Wire Barrel Seam
Wire Barrel
Crimp Width


Similar Part No. - 409-5842

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5822 TEC-409-5822 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
409-5860 MACOM-409-5860 Datasheet
142Kb / 5P
   Crimping Die Assemblies
409-5862 MACOM-409-5862 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
More results

Similar Description - 409-5842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91-PC4F ETC2-91-PC4F Datasheet
162Kb / 2P
   microphone connectors
logo
Tyco Electronics
207314-1 MACOM-207314-1 Datasheet
32Kb / 1P
   HOUSING, CORD GUARD, AUDIO MICROPHONE
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
   Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com