Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST11CP22 Datasheet(PDF) 7 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST11CP22 Datasheet HTML 3Page - Microchip Technology SST11CP22 Datasheet HTML 4Page - Microchip Technology SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology SST11CP22 Datasheet HTML 10Page - Microchip Technology SST11CP22 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005126B-page 7
SST11CP22
4.0
TYPICAL PERFORMANCE CHARACTERISTICS
Test Conditions: VCC = 5.0V, TA = 25°C, VPEN = 2.85V, 802.11a 54 Mbps OFDM Modulation,
50% Duty Cycle, 25°C Unless otherwise specified
FIGURE 4-1:
S-PARAMETERS
FIGURE 4-2:
DYNAMIC EVM VERSUS OUTPUT POWER, 802.11a 54 Mbps, 50% DUTY CYCLE,
VPEN=2.85V
70005121 Sparams 1.0
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Frequency, GHz
S11
S21
S12
S22
70005126 F4.2
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Freq=5.180 GHz
Freq=5.500 GHz
Freq=5.850 GHz


Similar Part No. - SST11CP22

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
   5.1-5.9 GHz High-Linearity Power Amplifier
9/14
SST11CP16-QXCE MICROCHIP-SST11CP16-QXCE Datasheet
204Kb / 14P
   5.1-5.9 GHz High-Linearity Power Amplifier
9/14
More results

Similar Description - SST11CP22

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFS1003 ANADIGICS-RFS1003 Datasheet
75Kb / 4P
   5.1-5.9 GHz U-NII Power Amplifier
logo
Microchip Technology
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
   5.1-5.9 GHz High-Linearity Power Amplifier
9/14
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com