Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4405EPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4405EPA
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4405EPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4405EPA Datasheet HTML 2Page - Microchip Technology TC4405EPA Datasheet HTML 3Page - Microchip Technology TC4405EPA Datasheet HTML 4Page - Microchip Technology TC4405EPA Datasheet HTML 5Page - Microchip Technology TC4405EPA Datasheet HTML 6Page - Microchip Technology TC4405EPA Datasheet HTML 7Page - Microchip Technology TC4405EPA Datasheet HTML 8Page - Microchip Technology TC4405EPA Datasheet HTML 9Page - Microchip Technology TC4405EPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC4404/TC4405
DS20001418E-page 6
 2002-2016 Microchip Technology Inc.
FIGURE 2-5:
Rise and Fall Times vs.
Temperature.
FIGURE 2-6:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-7:
Effect of Input Amplitude on
Delay Time.
FIGURE 2-8:
Propagation Delay Time vs.
Temperature.
FIGURE 2-9:
Quiescent Supply Current
vs. Voltage.
FIGURE 2-10:
Quiescent Supply Current
vs. Temperature.
60
50
40
30
20
10
46
8
14
16
18
-55 -35 -15 5 25 45 65 85 105 125
60
50
40
30
20
10
100
1000
10000
100
80
60
40
20
0
10V
15V
tD1
TA = +25°C
tD2
VDD = 5V
CLOAD = 1000 pF
VDD = 17.5V
CLOAD = 1000 pF
TA = +25°C
tFALL
tRISE
1
1
Temperature
60
50
40
30
20
10
4
6
8
14
16 18
-55 -35 -15 5 25 45 65 85 105 125
60
50
40
30
20
10
100
1000
10000
100
80
60
40
20
0
10V
15V
tD1
TA = +25°C
tD2
VDD = 5V
CLOAD = 1000 pF
VDD = 17.5V
CLOAD = 1000 pF
TA = +25°C
tFALL
tRISE
1
1
VDD
-55 -35 -15 5 25 45 65 85 105 125
4
18
6
8
10
12
14
16
60
50
40
30
20
10
10
B
I
= 1
B
I
= 0
0
2
4
6
8
1
0.1
tD1
TA = +25°C
tD2
CLOAD =1000pF
VDD = 10V
TA = +25°C
VDD = 17.5V
VLOAD = 1000pF
tD1
tD2
60
50
40
30
20
10
10
VDRIVE (V)
--55 -35 -15 5 25 45 65 85 105 125
4
18
6
8
10
12
14
16
60
50
40
30
20
10
10
B
I
= 1
B
I
= 0
02468
1
0.1
tD1
TA = +25°C
tD2
CLOAD =1000pF
VDD = 10V
TA = +25°C
VDD = 17.5V
VLOAD = 1000pF
tD1
tD2
60
50
40
30
20
10
10
Temperature
-55 -35 -15 5 25 45 65 85 105 125
44
18
6
8
10
12
14
16
60
50
40
30
20
10
10
B
I
= 1
B
I
= 0
02468
1
0.1
tD1
TA = +25°C
tD2
CLOAD =1000pF
VDD = 10V
TA = +25°C
VDD = 17.5V
VLOAD = 1000pF
tD1
tD2
60
50
40
30
20
10
10
VDD
--55 -35 -15 5 25 45 65 85 105 125
44.0
3.5
3.0
2.5
2.0
46
8
14
16
18
25
20
15
10
5
46
8
14
16 18
25
20
15
10
5
W
@ TJ = +150°C
T
@ +25°C
T
@ +25°C
W
@ TJ = +150°C
VDD = 18V
B
I
= 1
1
1
1
1
Temperature


Similar Part No. - TC4405EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4405EPA TELCOM-TC4405EPA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4405EPA MICROCHIP-TC4405EPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4405EPA MICROCHIP-TC4405EPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4405EPA MICROCHIP-TC4405EPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4405EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com