Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4404CPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4404CPA
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404CPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4404CPA Datasheet HTML 4Page - Microchip Technology TC4404CPA Datasheet HTML 5Page - Microchip Technology TC4404CPA Datasheet HTML 6Page - Microchip Technology TC4404CPA Datasheet HTML 7Page - Microchip Technology TC4404CPA Datasheet HTML 8Page - Microchip Technology TC4404CPA Datasheet HTML 9Page - Microchip Technology TC4404CPA Datasheet HTML 10Page - Microchip Technology TC4404CPA Datasheet HTML 11Page - Microchip Technology TC4404CPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC4404/TC4405
DS20001418E-page 8
 2002-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
8-Lead PDIP/SOIC
Symbol
Description
1VDD
Supply Input, 4.5V to 18V
2
IN A
Control Input A, TTL/CMOS compatible input
3
IN B
Control Input B, TTL/CMOS compatible input
4
GND
Ground
5
B BOTTOM Output B, pull-down
6
B TOP
Output B, pull-up
7
A BOTTOM Output A, pull-down
8
A TOP
Output A, pull-up


Similar Part No. - TC4404CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4404CPA TELCOM-TC4404CPA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404CPA MICROCHIP-TC4404CPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404CPA MICROCHIP-TC4404CPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404CPA MICROCHIP-TC4404CPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4404CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com