Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWW5SM-JXKY-4O9Q Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWW5SM-JXKY-4O9Q
Description  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JXKY-4O9Q Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWW5SM-JXKY-4O9Q Datasheet HTML 2Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 3Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 4Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 5Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 6Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 9Page - OSRAM GmbH LCWW5SM-JXKY-4O9Q Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2015-08-20
6
Version 1.2
LCW W5SM
Color Chromaticity Groups 2) page 25
Farbortgruppen 2) Seite 25
Chromaticity Coordinate Groups 2) page 25
Farbortgruppen 2) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4J
0.3500
0.3375
8O
0.3970
0.3934
7T
0.4386
0.4048
0.3512
0.3465
0.3997
0.4015
0.4430
0.4138
0.3574
0.3427
0.4067
0.3982
0.4468
0.4077
0.3591
0.3522
0.4097
0.4065
0.4515
0.4168
5J
0.3512
0.3465
9O
0.3997
0.4015
8T
0.4430
0.4138
0.3524
0.3555
0.4023
0.4097
0.4474
0.4228
0.3591
0.3522
0.4097
0.4065
0.4515
0.4168
0.3608
0.3616
0.4128
0.4148
0.4562
0.4260
6J
0.3524
0.3555
4P
0.3945
0.3648
9T
0.4474
0.4228
0.3536
0.3646
0.3975
0.3731
0.4519
0.4319
0.3608
0.3616
0.4027
0.3687
0.4562
0.4260
0.3625
0.3711
0.4061
0.3773
0.4609
0.4352
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q
R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K


Similar Part No. - LCWW5SM-JXKY-4O9Q

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM-JXKY-4O9Q OSRAM-LCWW5SM-JXKY-4O9Q Datasheet
839Kb / 26P
   Furniture Lighting
More results

Similar Description - LCWW5SM-JXKY-4O9Q

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com