Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCBM67S-N2R1-4R6T Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCBM67S-N2R1-4R6T
Description  Automotive Interior Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67S-N2R1-4R6T Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCBM67S-N2R1-4R6T Datasheet HTML 7Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 8Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 9Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 10Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 11Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 12Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 13Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 14Page - OSRAM GmbH LCBM67S-N2R1-4R6T Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 2.3
LCB M67S CoD blue Cx=0.19 / Cy=0.19
2015-08-20
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 85 °C
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
IF
mA
OHL10266
temp. ambient
TA
TA TS
5
10
15
20
OHL01983
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16
OHL01984
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16


Similar Part No. - LCBM67S-N2R1-4R6T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-K2M1-2J8L OSRAM-LCBM67S-K2M1-2J8L Datasheet
621Kb / 23P
   Automotive Interior Lighting
logo
ams AG
LCBM67S-K2M2-2J8L-1-2 AMSCO-LCBM67S-K2M2-2J8L-1-2 Datasheet
1Mb / 24P
   LCB M67S CoD blue IB
Version 1.9 2022-08-04
More results

Similar Description - LCBM67S-N2R1-4R6T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com