Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBCRBP-HXJX-47-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LBCRBP-HXJX-47-1
Description  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCRBP-HXJX-47-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LBCRBP-HXJX-47-1 Datasheet HTML 1Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 2Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 3Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 4Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 5Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 6Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 7Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 8Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2015-11-09
4
Version 1.3
LB CRBP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
472
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge
3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
468
475
484
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
22
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
2.80
3.50
V
V
V
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(typ.)
(max.)
Rth JS real
R
th JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 20
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 20
(with efficiency η
e = 36 %)
(typ.)
(max.)
Rth JS el
Rth JS el
6.1
6.9
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LBCRBP-HXJX-47-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBCRBP-HXJX-46-8E8G OSRAM-LBCRBP-HXJX-46-8E8G Datasheet
938Kb / 21P
   OSLON Signal
More results

Similar Description - LBCRBP-HXJX-47-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com