Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2048 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82V2048
Description  OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82V2048_10 Datasheet HTML 5Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 6Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 7Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 8Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 9Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 10Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 11Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 12Page - Integrated Device Technology IDT82V2048_10 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
IDT82V2048 OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
INDUSTRIAL TEMPERATURE RANGES
SDO/RDY/ACK
O83
K14
SDO: Serial Data Output
In serial host mode, the data is output on this pin. In serial write operation, SDO is in high impedance for
the first 8 SCLK clock cycles and driven low for the remaining 8 SCLK clock cycles. In serial read opera-
tion, SDO is in high-Z only when SDI is in address/command byte. Data on pin SDO is clocked out of the
device on the falling edges of SCLK if pin CLKE is high, or on the rising edges of SCLK if pin CLKE is low.
RDY: Ready Output
In parallel Intel host mode, the high level of this pin reports to the host that bus cycle can be completed,
while low reports the host must insert wait states.
ACK: Acknowledge Output (Active Low)
In parallel Motorola host mode, the low level of this pin indicates that valid information on the data bus is
ready for a read operation or acknowledges the acceptance of the written data during a write operation.
INT
O
Open
Drain
82
K13
INT: Interrupt (Active Low)
This is an open drain, active low interrupt output. Four sources may cause the interrupt . Refer to 2.19
Interrupt Handling for details.
LP7/D7/AD7
LP6/D6/AD6
LP5/D5/AD5
LP4/D4/AD4
LP3/D3/AD3
LP2/D2/AD2
LP1/D1/AD1
LP0/D0/AD0
I/O
High-Z
28
27
26
25
24
23
22
21
K1
J1
J2
J3
J4
H2
H3
G2
LPn: Loopback Select 7~0
In hardware control mode, pin LPn configures the corresponding channel in different loopback mode, as
follows:
Refer to 2.17 Loopback Mode for details.
Dn: Data Bus 7~0
In non-multiplexed host mode, these pins are the bi-directional data bus.
ADn: Address/Data Bus 7~0
In multiplexed host mode, these pins are the multiplexed bi-directional address/data bus.
In serial host mode, these pins should be grounded.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160
LPn
Loopback Configuration
Low
Remote Loopback
VDDIO/2
No loopback
High
Analog Loopback


Similar Part No. - IDT82V2048_10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2048BB IDT-IDT82V2048BB Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048DA IDT-IDT82V2048DA Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2048EBB IDT-IDT82V2048EBB Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2048_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com