Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC556 Datasheet(PDF) 8 Page - Micross Components

Part No. HMC556
Description  Microwave Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC556 Datasheet(HTML) 8 Page - Micross Components

  HMC556 Datasheet HTML 1Page - Micross Components HMC556 Datasheet HTML 2Page - Micross Components HMC556 Datasheet HTML 3Page - Micross Components HMC556 Datasheet HTML 4Page - Micross Components HMC556 Datasheet HTML 5Page - Micross Components HMC556 Datasheet HTML 6Page - Micross Components HMC556 Datasheet HTML 7Page - Micross Components HMC556 Datasheet HTML 8Page - Micross Components HMC556 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3
3 - 128
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pad is AC coupled and matched to
50 Ohms from 36 to 41 GHz.
4LO
This pad is AC coupled and matched to
50 Ohms from 36 to 41 GHz.
2 (5)
IF2
This pad is DC coupled. For applications not
requiring operation to DC, this port should be DC
blocked externally using a series capacitor whose
value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pad
must not source/sink more than 3mA of current or
die non-function and possible die failure will result.
Pads 5 and 6 are alternate IF ports.
3 (6)
IF1
GND
The backside of the die must be connected
to RF/DC ground.
Pad Descriptions
Assembly Diagrams
HMC556
GaAs MMIC I/Q MIXER
36 - 41 GHz
v00.0106


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn