Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7824FVM Datasheet(PDF) 10 Page - Rohm

Part # BH7824FVM
Description  1.1W to1.5W Monaural Speaker Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7824FVM Datasheet(HTML) 10 Page - Rohm

Back Button BH7824FVM_15 Datasheet HTML 6Page - Rohm BH7824FVM_15 Datasheet HTML 7Page - Rohm BH7824FVM_15 Datasheet HTML 8Page - Rohm BH7824FVM_15 Datasheet HTML 9Page - Rohm BH7824FVM_15 Datasheet HTML 10Page - Rohm BH7824FVM_15 Datasheet HTML 11Page - Rohm BH7824FVM_15 Datasheet HTML 12Page - Rohm BH7824FVM_15 Datasheet HTML 13Page - Rohm BH7824FVM_15 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
BH7824FVM,BH7826FVM
10/14
www.rohm.com
2015.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Fi 率 - 出力電力特性
0.01
0.10
1.00
10.00
0.001
0.01
0.1
1
10
OUTPUT POWER:Po[W]
Ta=Room
temperature
VCC=3.6V
RL=8Ω
f=1kHz
AV=2
400~30kBPF
1m
10m
100m
1
10
0.01
0.10
1.00
10.00
0.001
0.01
0.1
1
10
OUTPUT POWER:Po[W]
Ta=Room
temperature
VCC=3.6V
RL=8Ω
f=1kHz
AV=8
400~30kBPF
1m
10m
100m
1
10
0.01
0.10
1.00
10.00
0.001
0.01
0.1
1
10
OUTPUT POWER:Po[W]
Ta=Room
temperature
VCC=5.0V
RL=8Ω
f=1kHz
AV=8
400~30kBPF
100m
10m
1m
1
10
0.01
0.10
1.00
10.00
0.001
0.01
0.1
1
10
OUTPUT POWER:Po[W]
Ta=Room
temperature
VCC=5.0V
RL=8Ω
f=1kHz
AV=2
400~30kBPF
1m
10m
100m
1
10
1
10
100
1000
-25
-20
-15
-10
-5
0
5
INPUT LEVEL:Vin[dBV]
Ta=Room
temperature
VCC=3.6V
f=1kHz
RL=8Ω
400~30kBPF
THD+N≤1.0%
AV=2
1
10
100
1000
-40
-35
-30
-25
-20
-15
-10
INPUT LEVEL:Vin[dBV]
Ta=Room
temperature
VCC=3.6V
f=1kHz
RL=8Ω
400~30kBPF
THD+N≤1.0%
AV=8
Fig.16 Output Power - Input level
Fig.17 Output Power - Input level
Fig.18 THD + Noise - Output Power
Fig.19
THD + Noise - Output Power
Fig.20
THD + Noise - Output Power
Fig.21
THD + Noise - Output Power


Similar Part No. - BH7824FVM_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BH7824FVM_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com