Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP8S36 Datasheet(PDF) 4 Page - Rohm

Part # HP8S36
Description  30V NchNch Middle Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HP8S36 Datasheet(HTML) 4 Page - Rohm

  HP8S36 Datasheet HTML 1Page - Rohm HP8S36 Datasheet HTML 2Page - Rohm HP8S36 Datasheet HTML 3Page - Rohm HP8S36 Datasheet HTML 4Page - Rohm HP8S36 Datasheet HTML 5Page - Rohm HP8S36 Datasheet HTML 6Page - Rohm HP8S36 Datasheet HTML 7Page - Rohm HP8S36 Datasheet HTML 8Page - Rohm HP8S36 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HP8S36
          
               
Datasheet
l
lGate charge characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD 15V, ID = 12A
VGS = 4.5V
-
4.8
-
nC
Gate - Source charge
Qgs*5
-
2.3
-
Gate - Drain charge
Qgd*5
-
1.1
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD 15V, ID = 32A
VGS = 4.5V
-
47
-
nC
Gate - Source charge
Qgs*5
-
19
-
Gate - Drain charge
Qgd*5
-
9.5
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25
-
-
2.5
A
Pulse forward current
ISP*2
-
-
48
Forward voltage
VSD*5
VGS = 0V, IS = 2.5A
-
-
1.2
V
Reverse recovery time
trr*5
IS = 12A, VGS = 0V
di/dt = 100A/μs
-
21.4
-
ns
Reverse recovery charge
Qrr*5
-
11.8
-
nC
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25
-
-
2.5
A
Pulse forward current
ISP*2
-
-
128
Forward voltage
VSD*5
VGS = 0V, IS = 2A
-
0.6
0.8
V
Reverse recovery time
trr*5
IS = 32A, VGS = 0V
di/dt = 100A/μs
-
32
-
ns
Reverse recovery charge
Qrr*5
-
23
-
nC
                                                 
 
                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
4/16
20160515 - Rev.001


Similar Part No. - HP8S36

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HP803CN ROITHNER-HP803CN Datasheet
198Kb / 6P
   3W Emitter Power LED Series
HP803NB ROITHNER-HP803NB Datasheet
198Kb / 6P
   3W Emitter Power LED Series
HP803NO ROITHNER-HP803NO Datasheet
198Kb / 6P
   3W Emitter Power LED Series
HP803NR ROITHNER-HP803NR Datasheet
198Kb / 6P
   3W Emitter Power LED Series
HP803NW ROITHNER-HP803NW Datasheet
198Kb / 6P
   3W Emitter Power LED Series
More results

Similar Description - HP8S36

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HS8K1 ROHM-HS8K1 Datasheet
4Mb / 19P
   30V Nch plus Nch Middle Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com