Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R6004KND Datasheet(PDF) 1 Page - Rohm

Part No. R6004KND
Description  Nch 600V 4A Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6004KND Datasheet(HTML) 1 Page - Rohm

  R6004KND Datasheet HTML 1Page - Rohm R6004KND Datasheet HTML 2Page - Rohm R6004KND Datasheet HTML 3Page - Rohm R6004KND Datasheet HTML 4Page - Rohm R6004KND Datasheet HTML 5Page - Rohm R6004KND Datasheet HTML 6Page - Rohm R6004KND Datasheet HTML 7Page - Rohm R6004KND Datasheet HTML 8Page - Rohm R6004KND Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
R6004KND
  Nch 600V 4A Power MOSFET
  
Datasheet
l
lOutline
VDSS
600V
TO-252
 
RDS(on)(Max.)
0.98Ω
SC-63
ID
±4.0A
CPT3
PD
58W
 
           
l
lInner circuit
l
lFeatures
1) Low on-resistance.
2) Ultra fast switching speed.
3) Parallel use is easy.
4) Pb-free lead plating ; RoHS compliant.
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
330
l
lApplication
Tape width (mm)
16
Switching
Basic ordering unit (pcs)
2500
Taping code
TL
Marking
R6004KND
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
600
V
Continuous drain current (Tc = 25°C)
ID*1
±4.0
A
Pulsed drain current
IDP*2
±12
A
Gate - Source voltage
Static
VGSS
±20
V
AC(f1Hz)
±30
V
Avalanche current, single pulse
IAS*3
0.8
A
Avalanche energy, single pulse
EAS*3
46
mJ
Power dissipation (Tc = 25°C)
PD
58
W
Junction temperature
Tj
150
Operating junction and storage temperature range
Tstg
-55 to +150
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/12
20160609 - Rev.002
 
   
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn