Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R6004KND Datasheet(PDF) 3 Page - Rohm

Part No. R6004KND
Description  Nch 600V 4A Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6004KND Datasheet(HTML) 3 Page - Rohm

  R6004KND Datasheet HTML 1Page - Rohm R6004KND Datasheet HTML 2Page - Rohm R6004KND Datasheet HTML 3Page - Rohm R6004KND Datasheet HTML 4Page - Rohm R6004KND Datasheet HTML 5Page - Rohm R6004KND Datasheet HTML 6Page - Rohm R6004KND Datasheet HTML 7Page - Rohm R6004KND Datasheet HTML 8Page - Rohm R6004KND Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
R6004KND
          
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Forward Transfer
Admittance
|Yfs|*6
VDS = 10V, ID = 2A
1.5
3.0
-
S
Input capacitance
Ciss
VGS = 0V
-
280
-
pF
Output capacitance
Coss
VDS = 25V
-
280
-
Reverse transfer capacitance
Crss
f = 1MHz
-
16
-
Turn - on delay time
td(on)*6
VDD 300V, VGS = 10V
-
15
-
ns
Rise time
tr*6
ID = 2A
-
10
-
Turn - off delay time
td(off)*6
RL 150Ω
-
30
-
Fall time
tf*6
RG = 10Ω
-
25
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*6
VDD 300V
-
10.2
-
nC
Gate - Source charge
Qgs*6
ID = 4A
-
2.5
-
Gate - Drain charge
Qgd*6
VGS = 10V
-
4.8
-
Gate plateau voltage
V(plateau)
VDD 300V, ID = 4A
-
5.8
-
V
*1 Limited only by maximum channel temperature allowed.
*2 Pw ≤ 10μs, Duty cycle ≤ 1%
*3 L100mH, VDD=50V, RG=25Ω, STARTING Tj=25
*4 TC=25
*5 Mounted on a epoxy PCB FR4 (20mm x 20mm x 0.8mm)
*6 Pulsed
                                                         
 
                               
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/12
20160609 - Rev.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn