Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R6004KND Datasheet(PDF) 2 Page - Rohm

Part No. R6004KND
Description  Nch 600V 4A Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6004KND Datasheet(HTML) 2 Page - Rohm

  R6004KND Datasheet HTML 1Page - Rohm R6004KND Datasheet HTML 2Page - Rohm R6004KND Datasheet HTML 3Page - Rohm R6004KND Datasheet HTML 4Page - Rohm R6004KND Datasheet HTML 5Page - Rohm R6004KND Datasheet HTML 6Page - Rohm R6004KND Datasheet HTML 7Page - Rohm R6004KND Datasheet HTML 8Page - Rohm R6004KND Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
R6004KND
          
               
Datasheet
l
lThermal resistance
 
                                 
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC*4
-
-
2.2
/W
Thermal resistance, junction - ambient
RthJA*5
-
-
100
/W
Soldering temperature, wavesoldering for 10s
Tsold
-
-
265
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID = 1mA
600
-
-
V
Zero gate voltage
drain current
IDSS
VDS = 600V, VGS = 0V
 
 
 
μA
Tj = 25°C
-
-
100
Tj = 125°C
-
-
1000
Gate - Source leakage current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = 10V, ID = 1mA
3
-
5
V
Static drain - source
on - state resistance
RDS(on)*6
VGS = 10V, ID = 1.5A
 
 
 
Ω
Tj = 25°C
-
0.9
0.98
Tj = 125°C
-
1.36
-
Gate resistance
RG
f = 1MHz, open drain
-
3.3
-
Ω
                                                       
 
                                 
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/12
20160609 - Rev.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn