Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8001CND Datasheet(PDF) 5 Page - Rohm

Part # R8001CND
Description  Nch 800V 1A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R8001CND Datasheet(HTML) 5 Page - Rohm

  R8001CND Datasheet HTML 1Page - Rohm R8001CND Datasheet HTML 2Page - Rohm R8001CND Datasheet HTML 3Page - Rohm R8001CND Datasheet HTML 4Page - Rohm R8001CND Datasheet HTML 5Page - Rohm R8001CND Datasheet HTML 6Page - Rohm R8001CND Datasheet HTML 7Page - Rohm R8001CND Datasheet HTML 8Page - Rohm R8001CND Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R8001CND
           
               
Datasheet
l
lElectrical characteristic curves
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal  
       Resistance vs. Pulse Width
Fig.4 Avalanche Energy Derating Curve  
       vs. Junction Temperature
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
5/11
20160909 - Rev.002


Similar Part No. - R8001CND

ManufacturerPart #DatasheetDescription
logo
Rohm
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
More results

Similar Description - R8001CND

ManufacturerPart #DatasheetDescription
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8002KND3 ROHM-R8002KND3 Datasheet
2Mb / 14P
   Nch 800V 1.6A Power MOSFET
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
   Nch 800V 3A Power MOSFET
20190619 - Rev.002
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
   Nch 800V 8A Power MOSFET
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
   Nch 800V 5A Power MOSFET
R8007AND3FRA ROHM-R8007AND3FRA Datasheet
2Mb / 14P
   Nch 800V 7A Power MOSFET
R8002KNX ROHM-R8002KNX Datasheet
2Mb / 14P
   Nch 800V 1.6A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
   Nch 800V 5A Power MOSFET
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
   Nch 800V 2A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com