Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3L08CGN Datasheet(PDF) 11 Page - Rohm

Part # RD3L08CGN
Description  Nch 60V 80A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RD3L08CGN Datasheet(HTML) 11 Page - Rohm

Back Button RD3L08CGN Datasheet HTML 6Page - Rohm RD3L08CGN Datasheet HTML 7Page - Rohm RD3L08CGN Datasheet HTML 8Page - Rohm RD3L08CGN Datasheet HTML 9Page - Rohm RD3L08CGN Datasheet HTML 10Page - Rohm RD3L08CGN Datasheet HTML 11Page - Rohm RD3L08CGN Datasheet HTML 12Page - Rohm RD3L08CGN Datasheet HTML 13Page - Rohm RD3L08CGN Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RD3L08CGN
 
   
   
   
   
   
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
11/11
20160725 - Rev.002


Similar Part No. - RD3L08CGN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RD3L08CGN ISC-RD3L08CGN Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RD3L08CGN

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3L08BGN ROHM-RD3L08BGN Datasheet
2Mb / 15P
   Nch 60V 80A Power MOSFET
RJ1L08CGN ROHM-RJ1L08CGN Datasheet
2Mb / 14P
   Nch 60V 80A Power MOSFET
20210719 - Rev.005
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8K39 ROHM-SH8K39 Datasheet
1Mb / 14P
   60V NchNch Power MOSFET
20190624 - Rev.004
SH8KC6 ROHM-SH8KC6 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
RS1E300GN ROHM-RS1E300GN Datasheet
2Mb / 12P
   Nch 30V 80A Power MOSFET
RS1E350BN ROHM-RS1E350BN Datasheet
2Mb / 13P
   Nch 30V 80A Power MOSFET
RJ1P04BBH ROHM-RJ1P04BBH Datasheet
3Mb / 13P
   Nch 100V 80A Power MOSFET
20230518 - Rev.003
HP8KC7 ROHM-HP8KC7 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
20230328 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com