Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6E065BN Datasheet(PDF) 10 Page - Rohm

Part # RF6E065BN
Description  Nch 30V 6.5A Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF6E065BN Datasheet(HTML) 10 Page - Rohm

Back Button RF6E065BN Datasheet HTML 6Page - Rohm RF6E065BN Datasheet HTML 7Page - Rohm RF6E065BN Datasheet HTML 8Page - Rohm RF6E065BN Datasheet HTML 9Page - Rohm RF6E065BN Datasheet HTML 10Page - Rohm RF6E065BN Datasheet HTML 11Page - Rohm RF6E065BN Datasheet HTML 12Page - Rohm RF6E065BN Datasheet HTML 13Page - Rohm RF6E065BN Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RF6E065BN
           
               
Datasheet
l
lMeasurement circuits
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
                                     
                                     
l
lNotice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
10/11
20160316 - Rev.000


Similar Part No. - RF6E065BN

ManufacturerPart #DatasheetDescription
logo
Rohm
RF6E045AJ ROHM-RF6E045AJ Datasheet
2Mb / 12P
   High Power Package
More results

Similar Description - RF6E065BN

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS065N06FRA ROHM-RSS065N06FRA Datasheet
2Mb / 14P
   Nch 60V 6.5A Middle Power MOSFET
RW4E065GN ROHM-RW4E065GN Datasheet
2Mb / 14P
   Nch 30V 6.5A Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com