Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQ3E075AT Datasheet(PDF) 3 Page - Rohm

Part No. RQ3E075AT
Description  Pch -30V -18A Middle Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RQ3E075AT Datasheet(HTML) 3 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RQ3E075AT
           
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
930
-
pF
Output capacitance
Coss
VDS = -15V
-
170
-
Reverse transfer capacitance
Crss
f = 1MHz
-
130
-
Turn - on delay time
td(on)*5
VDD -15V,VGS = -10V
-
9.8
-
ns
Rise time
tr*5
ID = -3.8A
-
9.2
-
Turn - off delay time
td(off)*5
RL 3.9Ω
-
58
-
Fall time
tf*5
RG = 10Ω
-
27
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD -15V
ID = -7.5A
VGS = -10V
-
21.0
-
nC
VGS = -4.5V
-
10.4
-
Gate - Source charge
Qgs*5
-
3.2
-
Gate - Drain charge
Qgd*5
-
4.0
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25
-
-
-1.67
A
Pulse forward current
ISP*2
-
-
-30
A
Forward voltage
VSD*5
VGS = 0V, IS = -1.67A
-
-
-1.2
V
                                                   
 
                                     
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/10
20160224 - Rev.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn