Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQ3E075AT Datasheet(PDF) 2 Page - Rohm

Part No. RQ3E075AT
Description  Pch -30V -18A Middle Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RQ3E075AT Datasheet(HTML) 2 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RQ3E075AT
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC*1
-
-
8.2
/W
Thermal resistance, junction - ambient
RthJA*4
-
-
62.5
/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = -1mA
-30
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = -1mA
-
-22
-
mV/
   ΔTj     referenced to 25
Zero gate voltage
drain current
IDSS
VDS = -30V, VGS = 0V
-
-
-1
μA
Gate - Source leakage current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = VGS, ID = -1mA
-1.0
-
-2.5
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = -1mA
-
2.9
-
mV/
   ΔTj     referenced to 25
Static drain - source
on - state resistance
RDS(on)*5
VGS = -10V, ID = -7.5A
-
17.4
23
VGS = -4.5V, ID = -7.5A
-
26
33
Gate resistance
RG
f=1MHz, open drain
-
6.7
-
Ω
Forward Transfer
Admittance
|Yfs|*5
VDS = -5V, ID = -7.5A
7.0
-
-
S
*1Tc=25, Limited only by maximum temperature allowed.
*2 Pw 10μs, Duty cycle 1%
*3 L 0.5mH, VDD = -15V, RG = 25Ω, STARTING Tj = 25Fig.3-1,3-2
*4 Mounted on a Cu boad (40×40×0.8mm)
*5 Pulsed
                                             
 
                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/10
20160224 - Rev.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn