Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC528 Datasheet(PDF) 4 Page - Micross Components

Part # HMC528
Description  Point-to-Point and Point-to-Multi-Point Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC528 Datasheet(HTML) 4 Page - Micross Components

  HMC528 Datasheet HTML 1Page - Micross Components HMC528 Datasheet HTML 2Page - Micross Components HMC528 Datasheet HTML 3Page - Micross Components HMC528 Datasheet HTML 4Page - Micross Components HMC528 Datasheet HTML 5Page - Micross Components HMC528 Datasheet HTML 6Page - Micross Components HMC528 Datasheet HTML 7Page - Micross Components HMC528 Datasheet HTML 8Page - Micross Components HMC528 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
3 - 112
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC528
GaAs MMIC I/Q MIXER
11 - 16 GHz
v01.0907
General Description
Features
Typical Applications
The HMC528 is a compact I/Q MMIC mixer which can
be used as either an Image Reject Mixer or a Single
Sideband Upconverter. The chip utilizes two standard
Hittite double balanced mixer cells and a 90 degree
hybrid fabricated in a GaAs MESFET process. All
data shown below is taken with the chip mounted in
a 50 Ohm test fixture and includes the effects of 1 mil
diameter x 20 mil length bond wires on each port. A
low frequency quadrature hybrid was used to produce
a 100 MHz USB IF output. This product is a much
smaller alternative to hybrid style Image Reject Mixers
and Single Sideband Upconverter assemblies.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +19 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
11 - 16
12.7 - 15.4
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Loss (As IRM)
8
11
8
10
dB
Image Rejection
17
25
18
35
dB
1 dB Compression (Input)
+21
+21
dBm
LO to RF Isolation
38
45
40
45
dB
LO to IF Isolation
18
22
20
24
dB
IP3 (Input)
+25
+27
dBm
Amplitude Balance
0.5
0.5
dB
Phase Balance
8
5
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC528 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar
Wide IF Bandwidth: DC - 3.5 GHz
Image Rejection: 35 dB
LO to RF Isolation: 45 dB
High Input IP3: +27 dBm


Similar Part No. - HMC528

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC528 HITTITE-HMC528 Datasheet
298Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
290Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
More results

Similar Description - HMC528

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
   Piont-to-Point and Point-to-Multi-Point Radios
logo
API Technologies Corp
CMWD120 APITECH-CMWD120 Datasheet
114Kb / 1P
   Point to Point Radio Diplexer
CMWD124 APITECH-CMWD124 Datasheet
115Kb / 1P
   Point to Point Radio Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com