Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3739 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3739
Description  POWER TRANSISTORS NPN SILICON
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3739 Datasheet(HTML) 2 Page - Seme LAB

  2N3739 Datasheet HTML 1Page - Seme LAB 2N3739 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 6051
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
2N3738
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
225
0.1
0.25
0.5
1.0
0.1
30
40
200
25
2.5
1.0
10
20
35
V
mA
mA
mA
mA
mA
V
MHz
pF
IC = 5mA
IB = 0
VCB = 250V IE = 0
VCE = 125V IB = 0
VCE = 250V VBE(OFF) = 1.5V
VCE = 125V VBE(OFF) = 1.5V
TC = 100°C
VEB = 6V
IC = 50mA
VCE = 10V
IC = 100mA VCE = 10V
IC = 250mA VCE = 10V
IC = 250mA IB = 25mA
IC = 100mA
VCE = 10V
IC = 100mA VCE = 10V
f = 10MHz
VCB = 100V IE = 0
f = 100KHz
IC = 100mA VCE = 20V
f = 1KHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector– Emitter Breakdown Voltage
Collector Base Cut–Off Current
Collector Emiiter Cut–Off Current
Collector Cut–Off Current
Emitter Base Cut–Off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter on Voltage
Transition Frequency
Output Capacitance
Small Signal Current Gain
* Pulse Width
≤ 300µs , Duty Cycle < 2%
VCEO(BR)*
ICBO
ICEO
ICEV
IEBO
hFE*
VCE(sat)*
VBE(on)*
fT
Cob
hfe
DYNAMIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS


Similar Part No. - 2N3739

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3739 CENTRAL-2N3739 Datasheet
51Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N3739 NJSEMI-2N3739 Datasheet
123Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
logo
Central Semiconductor C...
2N3739 CENTRAL-2N3739 Datasheet
344Kb / 2P
   SILICON NPN POWER TRANSISTOR
More results

Similar Description - 2N3739

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com