Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RC2-RLBIM Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T89C51RC2-RLBIM
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-RLBIM Datasheet(HTML) 4 Page - ATMEL Corporation

  T89C51RC2-RLBIM Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-RLBIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Rev. B - 30-Mar-01
Preliminary
T89C51RB2/RC2
Table 2. Sfr mapping
Table below shows all SFRs with their address and their reset value.
Bit
addressable
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
CH
0000 0000
CCAP0H
XXXX XXXX
CCAP1H
XXXX XXXX
CCAPL2H
XXXX XXXX
CCAPL3H
XXXX XXXX
CCAPL4H
XXXX XXXX
FFh
F0h
B
0000 0000
F7h
E8h
CL
0000 0000
CCAP0L
XXXX XXXX
CCAP1L
XXXX XXXX
CCAPL2L
XXXX XXXX
CCAPL3L
XXXX XXXX
CCAPL4L
XXXX XXXX
EFh
E0h
ACC
0000 0000
E7h
D8h
CCON
00X0 0000
CMOD
00XX X000
CCAPM0
X000 0000
CCAPM1
X000 0000
CCAPM2
X000 0000
CCAPM3
X000 0000
CCAPM4
X000 0000
DFh
D0h
PSW
0000 0000
FCON (1)
XXXX 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
SPCON
0001 0100
SPSTA
0000 0000
SPDAT
XXXX XXXX
C7h
B8h
IPL0
X000 000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IE1
XXXX X000
IPL1
XXXX X000
IPH1
XXXX X111
IPH0
X000 0000
B7h
A8h
IE0
0000 0000
SADDR
0000 0000
CKCON1
XXXX XXX0
AFh
A0h
P2
1111 1111
AUXR1
XXXX X0X0
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
BRL
0000 0000
BDRCON
XXX0 0000
KBLS
0000 0000
KBE
0000 0000
KBF
0000 0000
9Fh
90h
P1
1111 1111
CKRL
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XX0X 0000
CKCON0
0000 0000
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved
(1) FCON access is reserved for the FLASH API and ISP software.


Similar Part No. - T89C51RC2-RLBIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2-RLTIL ATMEL-T89C51RC2-RLTIL Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RC2-RLTIM ATMEL-T89C51RC2-RLTIM Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - T89C51RC2-RLBIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Intel Corporation
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
logo
Integrated Circuit Solu...
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
   8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com