Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC518 Datasheet(PDF) 6 Page - Micross Components

Part # HMC518
Description  Test Equipment and Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC518 Datasheet(HTML) 6 Page - Micross Components

  HMC518 Datasheet HTML 1Page - Micross Components HMC518 Datasheet HTML 2Page - Micross Components HMC518 Datasheet HTML 3Page - Micross Components HMC518 Datasheet HTML 4Page - Micross Components HMC518 Datasheet HTML 5Page - Micross Components HMC518 Datasheet HTML 6Page - Micross Components HMC518 Datasheet HTML 7Page - Micross Components HMC518 Datasheet HTML 8Page - Micross Components HMC518 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1
1 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
P1dB vs. Temperature
Power Compression @ 29 GHz
Reverse Isolation vs. Temperature
Psat vs. Temperature
Gain, Noise Figure & Power vs.
Supply Voltage @ 29 GHz
0
4
8
12
16
20
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
FREQUENCY (GHz)
0
4
8
12
16
20
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
FREQUENCY (GHz)
0
4
8
12
16
20
-20
-15
-10
-5
0
5
Pout
Gain
PAE
INPUT POWER (dBm)
-70
-60
-50
-40
-30
-20
-10
0
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
Vdd (V)
Gain
P1dB
Noise Figure
HMC518
v01.0907
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 20 - 32 GHz


Similar Part No. - HMC518

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC518 HITTITE-HMC518 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
logo
Analog Devices
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
More results

Similar Description - HMC518

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC517 MICROSS-HMC517 Datasheet
892Kb / 9P
   Test Equipment and Sensors
logo
Analog Devices
HMC792ALP4E AD-HMC792ALP4E Datasheet
601Kb / 10P
   Test Equipment and Sensors
HMC625BLP5E AD-HMC625BLP5E Datasheet
637Kb / 10P
   Test Equipment and Sensors
HMC681ALP5E AD-HMC681ALP5E Datasheet
811Kb / 11P
   Test Equipment and Sensors
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
   Test and measurement equipment
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
   Test Equipment
HMC204 MICROSS-HMC204 Datasheet
816Kb / 9P
   Test Equipment
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
   Test Equipment
logo
Analog Devices
HMC468ALP3E AD-HMC468ALP3E Datasheet
335Kb / 6P
   Test Equipment
logo
Micross Components
HMC405 MICROSS-HMC405 Datasheet
830Kb / 9P
   Test Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com