Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-710 Datasheet(PDF) 3 Page - Schurter Inc.

Part No. TS-710
Description  CIRCUIT BREAKERS FOR EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHURTER [Schurter Inc.]
Homepage  http://www.schurterinc.com
Logo 

TS-710 Datasheet(HTML) 3 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Schurter, Inc. • Phone 707-778-6311 • Fax 707- 778-6401 • E-mail info@schurterinc.com • Website http://www.schurterinc.com
217
Rated current range
Rated voltage AC
CSA
C 22,2
4 – 10 A
250 V
Approvals
Order code
Basic type
TS-710 Single pole thermal overload protection switch, cycling trip-free
Standard configuration
Mounting style
Snap-in type
Actuation type
Reset type
Terminal type
6,3 x 0,8 mm quick connect terminals
Rated current
3456810
12
15
16
See approvals above
Other rated currents by request
T
S
7
1 0
12
Order example
CIRCUIT BREAKERS FOR EQUIPMENT TS-710
2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn