Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFME Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFME
Description  Surface Mount PTC-Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFME Datasheet(HTML) 2 Page - Schurter Inc.

  PFME Datasheet HTML 1Page - Schurter Inc. PFME Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUSES / SICHERUNGEN
PFME
Resettable fuses
www.schurter.com
16
Type / Typ
Imax
Vmax
Ihold
Itrip
Initial
1 Hour (R1) Post- Max. Time
Tripped Power
Resistance /
Reflow Resistance / to trip at 23 °C/8A /
Dissipation
Amperes at 23 °C /
Ohms at 23 °C /
Amperes /
Seconds /
Watts at 23 °C
AV
Hold
Trip
Rmin.
R1 max.
at / bei 23 °C
at 23 °C
PFME.190.2
100
16
1.9
3.8
0.017
0.08
10
2.0
1.5
Electrical Characteristics
Soldering Profile
How To Order
PF
ME .xxx
.x
PTC-Fuse
Style
ME = 11.5 mm Surface Mount Component
Hold Current, Ihold
190 (1.9 A)
Packaging
Packaged per EIA 481-1
2 = Tape and reel
Note
• PFME models can be wave soldered and reworked.
Thermal Derating Chart-Ihold (Amps)
Type / Typ
Ambient Operating Temperature
–40 ˚C
–20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
PFME.190.2
3.04
2.7
2.2
1.9
1.44
1.23
1.00
0.78
0.49
Type / Typ
A
B
C
D
min.
max.
min.
max.
min.
max.
min.
max.
PFME.190.2
11.15
11.51
4.83
5.33
0.33
0.63
0.53
1.02
(0.439)
(0.453)
(0.190)
(0.210)
(0.013)
(0.025)
(0.021)
(0.040)
Dimensions
Dimensions in mm/inches
Maximum Package Body Temperature (220 °C)
Melting Temperature of Solder (183 °C)
2 Minutes or More
Preheat
Flux Activation
Reflow
Cool
10° to 20 C
per Second
Less than
120 °C per
Second
300
250
200
150
100
50
0
0
30
60
100
150
200
250
Time (Seconde) (s)
Packaging: 2000 pcs. per reel


Similar Part No. - PFME

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-530I AAEON-PFM-530I Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
PFM-533I-B10-Q01 AAEON-PFM-533I-B10-Q01 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I-B10 AAEON-PFM-535I-B10 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
More results

Similar Description - PFME

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMD SCHURTER-PFMD Datasheet
153Kb / 2P
   Surface Mount PTC-Fuses
PFMU SCHURTER-PFMU Datasheet
112Kb / 2P
   Surface Mount PTC-Fuses
PFMT SCHURTER-PFMT Datasheet
96Kb / 2P
   Surface Mount PTC-Fuses
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com